Electronic Components Datasheet Search
  English  ▼

X  

VPC3240D Datasheet(PDF) 37 Page - Micronas

Part # VPC3240D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3240D Datasheet(HTML) 37 Page - Micronas

Back Button VPC3240D Datasheet HTML 33Page - Micronas VPC3240D Datasheet HTML 34Page - Micronas VPC3240D Datasheet HTML 35Page - Micronas VPC3240D Datasheet HTML 36Page - Micronas VPC3240D Datasheet HTML 37Page - Micronas VPC3240D Datasheet HTML 38Page - Micronas VPC3240D Datasheet HTML 39Page - Micronas VPC3240D Datasheet HTML 40Page - Micronas VPC3240D Datasheet HTML 41Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 78 page
background image
ADVANCE INFORMATION
VPC 323xD, VPC 324xD
Micronas
37
h’86
16
w/r
LINE OFFSET:
Only used for VPCpip or for the expert mode of VPCsingle:
bit[8:0]
line offset of the upper-left corner of the
inset picture with NSPX=0 and NSPY=0
in the display window
bit[9]
0/1
use the internal default/external setting
via bit[8:0]
bit[15:10]
reserved (set to 0)
This register is updated when the PIPOPER register is written.
0
LINOFFS
h’89
16
w/r
PIXEL OFFSET:
Only used for VPCpip or for the expert mode of VPCsingle:
bit[7:0]
quarter of the pixel offset of the upper-left
corner of the inset picture with NSPX=0
and NSPY=0 in the display window
bit[8]
0/1
use the internal default/external setting
via bit[7:0]
bit[15:9]
reserved (set to 0)
This register is updated when the PIPOPER register is written.
0
PIXOFFS
h’87
16
w/r
VERTICAL START:
bit[8:0]
For VPCpip and VPCsingle:
vertical start of the active video segment
to be used as a inset picture
For the VPCmain:
vertical start of the inset picture(s)
in the main picture
bit[9]
0/1
use the internal default/external setting
via bit[8:0]
bit[15:10]
reserved (set to 0)
0VSTR
h’8a
16
w/r
HORIZONTAL START:
bit[7:0]
For VPCpip and VPCsingle:
horizontal start of the active video segment
to be used as a inset picture
For VPCmain:
horizontal start of the inset picture(s)
in the main picture
In both cases HSTR is given by the
number of 4-pixel-groups.
bit[8]
0/1
use the internal default/external setting
via bit[7:0]
bit[15:9]
reserved (set to 0)
0HSTR
h’88
16
w/r
NUMBER OF LINES:
Only used in the expert modes:
bit[8:0]
For VPCpip and VPCsingle:
number of lines of the active video
segment to be used as a inset picture
For VPCmain:
number of lines of the inset picture(s)
bit[15:9]
reserved (set to 0)
This register is updated when the PIPOPER register is written.
0NLIN
I2C Sub-
address
Number
of bits
Mode
Function
Default
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com