Electronic Components Datasheet Search
  English  ▼

X  

VPC3240D Datasheet(PDF) 56 Page - Micronas

Part # VPC3240D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3240D Datasheet(HTML) 56 Page - Micronas

Back Button VPC3240D Datasheet HTML 52Page - Micronas VPC3240D Datasheet HTML 53Page - Micronas VPC3240D Datasheet HTML 54Page - Micronas VPC3240D Datasheet HTML 55Page - Micronas VPC3240D Datasheet HTML 56Page - Micronas VPC3240D Datasheet HTML 57Page - Micronas VPC3240D Datasheet HTML 58Page - Micronas VPC3240D Datasheet HTML 59Page - Micronas VPC3240D Datasheet HTML 60Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 78 page
background image
VPC 323xD, VPC 324xD
ADVANCE INFORMATION
56
Micronas
connected to the chroma (Video 2) A/D converter. The
signal must be AC-coupled.
Pins 72-75 – Video Input 1–4 (Fig. 4–11)
These are the analog video inputs. A CVBS or S-VHS
luma signal is converted using the luma (Video 1) AD
converter. The VIN1 input can also be switched to the
chroma (Video 2) ADC. The input signal must be
AC-coupled.
Pin 76 – Supply Voltage, Analog Component Inputs
Front-End VSUPAI
This pin is connected with 220 nF/1.5 nF/390 pF to
GNDAI
Pin 77 – Ground, Analog Component Inputs Front-End
GNDAI
Pin 78 – Reference Voltage Top VREF (Fig. 4–8)
Via this pin, the reference voltage for the analog compo-
nent A/D converters is decoupled. The pin is connected
with 10
µF/47 nF to the Analog Component Signal
Ground Pin.
Pin 79 – Fast Blank Input FB1IN (Fig. 4–10)
This pin is connected to the analog fast blank signal. It
controls the insertion of the RGB1/YCrCb1 signals. The
input signal must be DC-coupled.
Pin 80 – Signal GND for Analog Component Inputs
AISGND (Fig. 4–10)
This is the high quality ground reference for the compo-
nent input signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com