Electronic Components Datasheet Search
  English  ▼

X  

VPC3240D Datasheet(PDF) 61 Page - Micronas

Part # VPC3240D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3240D Datasheet(HTML) 61 Page - Micronas

Back Button VPC3240D Datasheet HTML 57Page - Micronas VPC3240D Datasheet HTML 58Page - Micronas VPC3240D Datasheet HTML 59Page - Micronas VPC3240D Datasheet HTML 60Page - Micronas VPC3240D Datasheet HTML 61Page - Micronas VPC3240D Datasheet HTML 62Page - Micronas VPC3240D Datasheet HTML 63Page - Micronas VPC3240D Datasheet HTML 64Page - Micronas VPC3240D Datasheet HTML 65Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 78 page
background image
ADVANCE INFORMATION
VPC 323xD, VPC 324xD
Micronas
61
4.6.4. Characteristics
at TA = 0 to 65 °C, VSUPF = 4.75 to 5.25 V, VSUPD = 3.15 to 3.45V f = 20.25 MHz for min./max. values
at TC = 60 °C, VSUPF = 5 V, VSUPD = 3.3 V f = 20.25 MHz for typical values
4.6.4.1. Characteristics, 5 MHz Clock Output
4.6.4.2. Characteristics, 20 MHz Clock Input/Output, External Clock Input (XTAL1)
4.6.4.3. Characteristics, Reset Input, Test Input, VGAV Input, YCOEQ Input
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
PTOT
Total Power Dissipation
–tbd
1.4
W
IVSUPA
Current Consumption
VSUPF
–tbd
160
mA
IVSUPD
Current Consumption
VSUPD
–tbd
190
mA
IVSTDBY
Current Consumption
VSTDBY
–1
–mA
IL
Input / Output Leakage Current
All I/O Pins
–1
–
1
µA
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VOL
Output Low Voltage
CLK5
––
0.4
V
IOL = 0.4 mA
VOH
Output High Voltage
4.0
–
V–
STDBY
V–IOL = 0.9 mA
tOT
Output Transition Time
–
50
–
ns
CLOAD = 30 pF
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VDCAV
DC Average
CLK20
VSUPD/2
– 0.3
VSUPD/2
VSUPD/2
+ 0.3
VCLOAD = 30 pF
VPP
VOUT Peak to Peak
VSUPD/2
– 0.3
VSUPD/2
VSUPD/2
+ 0.3
VCLOAD = 30 pF
tOT
Output Transition Time
–
–
18
ns
CLOAD = 30 pF
VIT
Input Trigger Level
2.1
2.5
2.9
V
only for test purposes
VI
Clock Input Voltage
XTAL1
1.3
–
–
VPP
capacitive coupling used,
XTAL2 open
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VIL
Input Low Voltage
RESQ
TEST
VGAV
YCOEQ
––
0.8
V
VIH
Input High Voltage
2.0
–
–
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com