Electronic Components Datasheet Search
  English  ▼

X  

VPC3240D Datasheet(PDF) 30 Page - Micronas

Part # VPC3240D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3240D Datasheet(HTML) 30 Page - Micronas

Back Button VPC3240D Datasheet HTML 26Page - Micronas VPC3240D Datasheet HTML 27Page - Micronas VPC3240D Datasheet HTML 28Page - Micronas VPC3240D Datasheet HTML 29Page - Micronas VPC3240D Datasheet HTML 30Page - Micronas VPC3240D Datasheet HTML 31Page - Micronas VPC3240D Datasheet HTML 32Page - Micronas VPC3240D Datasheet HTML 33Page - Micronas VPC3240D Datasheet HTML 34Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 78 page
background image
VPC 323xD, VPC 324xD
ADVANCE INFORMATION
30
Micronas
3. Serial Interface
3.1. I2C-Bus Interface
Communication between the VPC and the external
controller is done via I2C-bus. The VPC has an I2C-bus
slave interface and uses I2C clock synchronization to
slow down the interface if required. The I2C-bus inter-
face uses one level of subaddress: one I2C-bus
address is used to address the IC and a subaddress
selects one of the internal registers. For multi
VPC32xxD applications the following three I2C-bus
chip addresses are selectable via I2CSEL pin:
The registers of the VPC have 8 or 16-bit data size;
16-bit registers are accessed by reading/writing two
8-bit data words.
Figure 3–1 shows I2C-bus protocols for read and write
operations of the interface; the read operation requires
an extra start condition and repetition of the chip
address with read command set.
3.2. Control and Status Registers
Table 3–1 gives definitions of the VPC control and sta-
tus registers. The number of bits indicated for each
register in the table is the number of bits implemented
in hardware, i.e. a 9-bit register must always be
accessed using two data bytes but the 7 MSB will be
‘don’t care’ on write operations and ‘0’ on read opera-
tions. Write registers that can be read back are indi-
cated in Table 3–1.
Functions implemented by software in the on-chip con-
trol microprocessor (FP) are explained in Table 3–1.
Fig. 3–1: I2C-bus protocols
A6
A5
A4
A3
A2
A1
A0 R/W I2CSEL
10
0011
1
1/0
VSUP
10
0011
0
1/0
VRT
10
0010
0
1/0
GND
P
S
1
0
SDA
SCL
S
S
1000 111
1000 111
WAck
Ack
W
0111 1100
0111 1100
Ack
Ack
S
1 or 2 byte Data
1000 111
R
high byte Data
low byte Data
P
W
R
Ack
Nak
S
P
=
=
=
=
=
=
0
1
0
1
Start
Stop
Ack
Nak P
I2C write access
subaddress 7c
I2C read access
subaddress 7c
Ack
S
1000 111
W Ack
FPWR
Ack
P
byte high
send FP-address-
Ack
byte low
send FP-address-
Ack
S
1000 111
W Ack
FPDAT
Ack
P
byte high
send data-
Ack
byte low
send data-
Ack
I2C write access
to FP
S
1000 111
W Ack
FPRD
Ack
P
byte high
send FP-address-
Ack
byte low
send FP-address-
Ack
S
1000 111
W Ack
FPDAT
Ack
P
byte high
receive data-
Ack
byte low
receive data-
Nak
I2C read access
to FP
S
1000 111
R Ack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com