Electronic Components Datasheet Search
  English  ▼

X  

VPC3240D Datasheet(PDF) 53 Page - Micronas

Part # VPC3240D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3240D Datasheet(HTML) 53 Page - Micronas

Back Button VPC3240D Datasheet HTML 49Page - Micronas VPC3240D Datasheet HTML 50Page - Micronas VPC3240D Datasheet HTML 51Page - Micronas VPC3240D Datasheet HTML 52Page - Micronas VPC3240D Datasheet HTML 53Page - Micronas VPC3240D Datasheet HTML 54Page - Micronas VPC3240D Datasheet HTML 55Page - Micronas VPC3240D Datasheet HTML 56Page - Micronas VPC3240D Datasheet HTML 57Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 78 page
background image
ADVANCE INFORMATION
VPC 323xD, VPC 324xD
Micronas
53
46
GNDC
SUPPLYD
X
Ground, Chroma Output Circuitry
47
C3
OUT
GNDC
Picture Bus Chroma
48
C2
OUT
GNDC
Picture Bus Chroma
49
C1
OUT
GNDC
Picture Bus Chroma
50
C0
OUT
GNDC
Picture Bus Chroma (LSB)
51
GNDSY
SUPPLYD
X
Ground, Sync Pad Circuitry
52
VSUPSY
SUPPLYD
X
Supply Voltage, Sync Pad Circuitry
53
INTLC
OUT
LV
Interlace Output
54
AVO
OUT
LV
Active Video Output
55
FSY/HC
OUT
LV
Front Sync/ Horizontal Clamp Pulse
56
MSY/HS
IN/OUT
LV
Main Sync/Horizontal Sync Pulse
57
VS
OUT
LV
Vertical Sync Pulse
58
FPDAT
IN/OUT
LV
Front-End /Back-End Data
59
VSTBY
SUPPLYA
X
Standby Supply Voltage
60
CLK5
OUT
LV
CCU 5 MHz Clock Output
62
XTAL1
IN
X
Analog Crystal Input
63
XTAL2
OUT
X
Analog Crystal Output
64
ASGF
X
Analog Shield GNDF
65
GNDF
SUPPLYA
X
Ground, Analog Front-End
66
VRT
OUTPUT
X
Reference Voltage Top, Analog
67
I2CSEL
IN
X
I2C Bus Address Select
68
ISGND
SUPPLYA
X
Signal Ground for Analog Input, connect to
GNDF
69
VSUPF
SUPPLYA
X
Supply Voltage, Analog Front-End
70
VOUT
OUT
LV
Analog Video Output
71
CIN
IN
LV*
Chroma / Analog Video 5 Input
72
VIN1
IN
VRT*
Video 1 Analog Input
73
VIN2
IN
VRT
Video 2 Analog Input
74
VIN3
IN
VRT
Video 3 Analog Input
75
VIN4
IN
VRT
Video 4 Analog Input
76
VSUPAI
SUPPLYA
X
Supply Voltage, Analog Component Inputs
Front-End
Pin No.
PQFP
80-pin
Pin Name
Type
Connection
(if not used
)
Short Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com