Electronic Components Datasheet Search
  English  ▼

X  

VPC3240D Datasheet(PDF) 62 Page - Micronas

Part # VPC3240D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3240D Datasheet(HTML) 62 Page - Micronas

Back Button VPC3240D Datasheet HTML 58Page - Micronas VPC3240D Datasheet HTML 59Page - Micronas VPC3240D Datasheet HTML 60Page - Micronas VPC3240D Datasheet HTML 61Page - Micronas VPC3240D Datasheet HTML 62Page - Micronas VPC3240D Datasheet HTML 63Page - Micronas VPC3240D Datasheet HTML 64Page - Micronas VPC3240D Datasheet HTML 65Page - Micronas VPC3240D Datasheet HTML 66Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 78 page
background image
VPC 323xD, VPC 324xD
ADVANCE INFORMATION
62
Micronas
4.6.4.4. Characteristics, Power-up Sequence
Fig. 4–13: Power-Up sequence
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
tVdel
Ramp Up Difference of Supplies
tbd
–tbd
ms
tVrmpl
Transition Time of Supplies
−
–50
ms
time / ms
time / ms
time / ms
min. 1ms
max. 1ms
0.9 * VSUPD
LLC
RESQ
0.8 * VSUPD
(maximum guaranteed start-up time)
time / ms
0.9 * VSUPAI
max. 0.05ms
time / ms
SDA/SCL
I2C-cycles invalid
VSTBY
VSUPF
tVdel
tVrmp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com