Electronic Components Datasheet Search
  English  ▼

X  

VPC3240D Datasheet(PDF) 22 Page - Micronas

Part # VPC3240D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3240D Datasheet(HTML) 22 Page - Micronas

Back Button VPC3240D Datasheet HTML 18Page - Micronas VPC3240D Datasheet HTML 19Page - Micronas VPC3240D Datasheet HTML 20Page - Micronas VPC3240D Datasheet HTML 21Page - Micronas VPC3240D Datasheet HTML 22Page - Micronas VPC3240D Datasheet HTML 23Page - Micronas VPC3240D Datasheet HTML 24Page - Micronas VPC3240D Datasheet HTML 25Page - Micronas VPC3240D Datasheet HTML 26Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 78 page
background image
VPC 323xD, VPC 324xD
ADVANCE INFORMATION
22
Micronas
2.11. Video Sync Processing
Fig. 2–18 shows a block diagram of the front-end sync
processing. To extract the sync information from the
video signal, a linear phase lowpass filter eliminates all
noise and video contents above 1 MHz. The sync is
separated by a slicer; the sync phase is measured. A
variable window can be selected to improve the noise
immunity of the slicer. The phase comparator mea-
sures the falling edge of sync, as well as the integrated
sync pulse.
The sync phase error is filtered by a phase-locked loop
that is computed by the FP. All timing in the front-end is
derived from a counter that is part of this PLL, and it
thus counts synchronously to the video signal.
A separate hardware block measures the signal back
porch and also allows gathering the maximum/mini-
mum of the video signal. This information is processed
by the FP and used for gain control and clamping.
For vertical sync separation, the sliced video signal is
integrated. The FP uses the integrator value to derive
vertical sync and field information.
The information extracted by the video sync process-
ing is multiplexed onto the hardware front sync signal
(FSY) and is distributed to the rest of the video pro-
cessing system. The format of the front sync signal is
given in Fig. 2–19.
The data for the vertical deflection, the sawtooth, and
the East-West correction signal is calculated by the
VPC 32xx. The data is buffered in a FIFO and trans-
ferred to the back-end IC DDP 3300A by a single wire
interface.
Frequency and phase characteristics of the analog
video signal are derived from PLL1. The results are fed
to the scaler unit for data interpolation and orthogonal-
ization and to the clock synthesizer for line-locked
clock generation. Horizontal and vertical syncs are
latched with the line-locked clock.
Fig. 2–18: Sync separation block diagram
Fig. 2–19: Front sync format
phase
comparator
&
lowpass
counter
frontend
timing
front sync
lowpass
1 MHz
&
syncslicer
horizontal
sync
separation
vertical
sync
separation
FIFO
Sawtooth
video
input
skew
front
sync
generator
vertical
serial
data
vertical
sawtooth
E/W
Parabola
Calculation
clamping, colorkey, FIFO_write
PLL1
clamp &
signal
meas.
vblank
field
clock
synthesizer
syncs
clock
H/V syncs
F1
input
analog
video
FSY
F1
F0
skew
skew
LSB
not
used
FV
MSB
(not in scale)
F0 reserved
0 = field 1
1 = field 2
F: field #
0 = off
1 = on
V: vertical sync
Parity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com