Electronic Components Datasheet Search
  English  ▼

X  

MIC28303 Datasheet(PDF) 23 Page - Microchip Technology

Part # MIC28303
Description  50V, 3A Power Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28303 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MIC28303 Datasheet HTML 19Page - Microchip Technology MIC28303 Datasheet HTML 20Page - Microchip Technology MIC28303 Datasheet HTML 21Page - Microchip Technology MIC28303 Datasheet HTML 22Page - Microchip Technology MIC28303 Datasheet HTML 23Page - Microchip Technology MIC28303 Datasheet HTML 24Page - Microchip Technology MIC28303 Datasheet HTML 25Page - Microchip Technology MIC28303 Datasheet HTML 26Page - Microchip Technology MIC28303 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
 2016 Microchip Technology Inc.
DS20005464A-page 23
MIC28303
During discontinuous mode, the bias current of most
circuits is substantially reduced. As a result, the total
power supply current during discontinuous mode is
only about 400 μA, allowing the MIC28303-1 to achieve
high efficiency in light load applications.
4.3
Soft-Start
Soft-start reduces the input power supply surge current
at startup by controlling the output voltage rise time.
The input surge appears while the output capacitor is
charged up. A slower output rise time will draw a lower
input surge current.
The MIC28303 implements an internal digital soft-start
by making the 0.8V reference voltage VREF ramp from
0 to 100% in about 5 ms with 9.7 mV steps. Therefore,
the output voltage is controlled to increase slowly by a
stair-case VFB ramp. Once the soft-start cycle ends, the
related circuitry is disabled to reduce current
consumption. PVDD must be powered up at the same
time or after VIN to make the soft-start function
correctly.
4.4
Current Limit
The MIC28303 uses the RDS(ON) of the low side
MOSFET and external resistor connected from ILIM pin
to SW node to decide the current limit.
FIGURE 4-4:
Current-Limiting Circuit
In each switching cycle of the MIC28303, the inductor
current is sensed by monitoring the low-side MOSFET
in the OFF period. The sensed voltage V(ILIM) is
compared with the power ground (PGND) after a
blanking time of 150 ns. In this way the drop voltage
over the resistor R15 (VCL) is compared with the drop
over the bottom FET generating the short current limit.
The small capacitor (C6) connected from the ILIM pin to
PGND filters the switching node ringing during the
off-time allowing a better short limit measurement. The
time constant created by R15 and C6 should be much
less than the minimum off time.
The VCL drop allows programming of short limit through
the value of the resistor (R15), If the absolute value of
the voltage drop on the bottom FET is greater than VCL.
In that case the V(ILIM) is lower than PGND and a short
circuit event is triggered. A hiccup cycle to treat the
short event is generated. The hiccup sequence
including the soft start reduces the stress on the
switching FETs and protects the load and supply for
severe short conditions.
The short-circuit current limit can be programmed by
using Equation 4-3.
EQUATION 4-3:
Because the inductor is integrated, use Equation 4-4 to
calculate the peak-to-peak inductor ripple current.
EQUATION 4-4:
The MIC28303 has 4.7 µH inductor integrated into the
module. The typical value of RWINDING(DCR) of this
particular inductor is in the range of 45 mΩ.
In case of hard short, the short limit is folded down to
allow an indefinite hard short on the output without any
destructive effect. It is mandatory to make sure that the
inductor current used to charge the output capacitance
during soft start is under the folded short limit;
otherwise the supply will go in hiccup mode and may
not be finishing the soft start successfully.
The MOSFET RDS(ON) varies 30% to 40% with
temperature; therefore, it is recommended to add a
50% margin to ICLIM in Equation 4-3 to avoid false
current limiting due to increased MOSFET junction
temperature rise. Table 4-1 shows typical output
current limit value for a given R15 with C6 = 10 pF.
SW
FB
2.2μF
x3
MIC28303
BST
PGND
VIN
VIN
SW
CS
ILIM
R15
C6
TABLE 4-1:
TYPICAL OUTPUT
CURRENT-LIMIT VALUES
R15
Typical Output Current-Limit
1.81 kΩ
3A
2.7 kΩ
6.3A
R15
I
CLIM
I
LPP

0.5
–
 R
DS ON

V
CL
+
I
CL
-----------------------------------------------------------------------------------------------------
=
Where:
ICLIM
Desired Current Limit
RDS(ON)
On-Resistance of Low-Side Power
MOSFET, 57 mΩ Typically
VCL
Current-Limit Threshold (Typical
Absolute Value is 14 mV per Table 1-1)
ICL
Current-Limit Source Current (Typical
Value is 80 µA, per Table 1-1)
∆IL(PP)
Inductor Current Peak-to-Peak.
I
LPP

V
OUT
V
IN MAX

V
OUT
–

V
IN MAX

f
SW
L
--------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com