Electronic Components Datasheet Search
  English  ▼

X  

MIC28303 Datasheet(PDF) 25 Page - Microchip Technology

Part # MIC28303
Description  50V, 3A Power Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28303 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MIC28303 Datasheet HTML 21Page - Microchip Technology MIC28303 Datasheet HTML 22Page - Microchip Technology MIC28303 Datasheet HTML 23Page - Microchip Technology MIC28303 Datasheet HTML 24Page - Microchip Technology MIC28303 Datasheet HTML 25Page - Microchip Technology MIC28303 Datasheet HTML 26Page - Microchip Technology MIC28303 Datasheet HTML 27Page - Microchip Technology MIC28303 Datasheet HTML 28Page - Microchip Technology MIC28303 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
 2016 Microchip Technology Inc.
DS20005464A-page 25
MIC28303
The total output ripple is a combination of the ESR and
output capacitance. The total ripple is calculated in
Equation 5-3:
EQUATION 5-3:
As described in Section 4.1, Theory of Operation, the
MIC28303 requires at least 20 mV peak-to-peak ripple
at the FB pin to make the gm amplifier and the error
comparator behave properly. Also, the output voltage
ripple should be in phase with the inductor current.
Therefore, the output voltage ripple caused by the
output capacitors value should be much smaller than
the ripple caused by the output capacitor ESR. If
low-ESR capacitors, such as ceramic capacitors, are
selected as the output capacitors, a ripple injection
method should be applied to provide enough feedback
voltage ripple. Please refer to Section 5.6, Ripple
Injection for more details.
The voltage rating of the capacitor should be twice the
output voltage for a tantalum and 20% greater for
aluminum electrolytic or OS-CON.
The output capacitor RMS current is calculated in
Equation 5-4:
EQUATION 5-4:
The power dissipated in the output capacitor is:
EQUATION 5-5:
5.4
Input Capacitor Selection
The input capacitor for the power stage input PVIN
should be selected for ripple current rating and voltage
rating. Tantalum input capacitors may fail when
subjected to high inrush currents, caused by turning the
input supply on. A tantalum input capacitor’s voltage
rating should be at least two times the maximum input
voltage to maximize reliability. Aluminum electrolytic,
OS-CON, and multilayer polymer film capacitors can
handle the higher inrush currents without voltage
de-rating. The input voltage ripple will primarily depend
on the input capacitor’s ESR. The peak input current is
equal to the peak inductor current, so:
EQUATION 5-6:
The input capacitor must be rated for the input current
ripple. The RMS value of input capacitor current is
determined at the maximum output current. Assuming
the peak-to-peak inductor current ripple is low:
EQUATION 5-7:
The power dissipated in the input capacitor is:
EQUATION 5-8:
The general rule is to pick the capacitor with a ripple
current rating equal to or greater than the calculated
worst (VIN_MAX) case RMS capacitor current. Its
voltage rating should be 20% to 50% higher than the
maximum input voltage. Typically the input ripple (dV)
needs to be kept down to less than ±10% of input
voltage. The ESR also increases the input ripple.
Equation 5-9 should be used to calculate the input
capacitor. Also it is recommended to keep some margin
on the calculated value:
EQUATION 5-9:
V
OUT PP

I
LPP

C
OUT
f
SW
8
--------------------------------------


2
I
LPP

ESR
C
OUT

2
+
=
Where:
D
Duty Cycle
COUT
Output Capacitance Value
fSW
Switching Frequency
I
C
OUT RMS

I
LPP

12
------------------
=
P
DISS C
OUT

I
C
OUT RMS

2
ESR
C
OUT
=
V
IN
I
Lpk

ESR
CIN
=
I
CIN RMS

I
OUT MAX

D
1
D
–

P
DISS CIN

I
CIN RMS

2
ESR
CIN
=
C
IN
I
OUT MAX

1
D
–

f
SW
dV
---------------------------------------------------
Where:
dV
Input Ripple
fSW
Switching Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com