Electronic Components Datasheet Search
  English  ▼

X  

MIC28303 Datasheet(PDF) 20 Page - Microchip Technology

Part # MIC28303
Description  50V, 3A Power Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28303 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MIC28303 Datasheet HTML 16Page - Microchip Technology MIC28303 Datasheet HTML 17Page - Microchip Technology MIC28303 Datasheet HTML 18Page - Microchip Technology MIC28303 Datasheet HTML 19Page - Microchip Technology MIC28303 Datasheet HTML 20Page - Microchip Technology MIC28303 Datasheet HTML 21Page - Microchip Technology MIC28303 Datasheet HTML 22Page - Microchip Technology MIC28303 Datasheet HTML 23Page - Microchip Technology MIC28303 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
MIC28303
DS20005464A-page 20
 2016 Microchip Technology Inc.
49, 50
ANODE
Anode Bootstrap Diode Input. Anode connection of internal bootstrap diode. This
pin should be connected to the PVDD pin.
52, 53
BSTC
Bootstrap Capacitor. Connection to the internal bootstrap capacitor. Leave floating,
no connect.
55, 56
BSTR
Bootstrap Resistor. Connection to the internal bootstrap resistor and high-side
power MOSFET drive circuitry. Leave floating, no connect.
57
FB
Feedback Input. Input to the transconductance amplifier of the control loop. The FB
pin is regulated to 0.8V. A resistor divider connecting the feedback to the output is
used to set the desired output voltage.
58
PGOOD
Power Good Output. Open-drain output. An external pull-up resistor to external
power rails is required.
59
EN
Enable Input. A logic signal to enable or disable the buck converter operation. The
EN pin is CMOS compatible. Logic high enables the device, logic low shuts down
the regulator. In the disable mode, the input supply current for the device is
minimized to 4 µA typically. Do not pull EN to PVDD.
61, 62
PVDD
Internal +5V Linear Regulator Output. PVDD is the internal supply bus for the
device. In the applications with VIN < +5.5V, PVDD should be tied to VIN to bypass
the linear regulator.
63
NC
No Connection. Leave it floating.
TABLE 3-1:
PIN FUNCTION TABLE (CONTINUED)
Pin Number
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com