Electronic Components Datasheet Search
  English  ▼

X  

MIC28303 Datasheet(PDF) 26 Page - Microchip Technology

Part # MIC28303
Description  50V, 3A Power Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28303 Datasheet(HTML) 26 Page - Microchip Technology

Back Button MIC28303 Datasheet HTML 22Page - Microchip Technology MIC28303 Datasheet HTML 23Page - Microchip Technology MIC28303 Datasheet HTML 24Page - Microchip Technology MIC28303 Datasheet HTML 25Page - Microchip Technology MIC28303 Datasheet HTML 26Page - Microchip Technology MIC28303 Datasheet HTML 27Page - Microchip Technology MIC28303 Datasheet HTML 28Page - Microchip Technology MIC28303 Datasheet HTML 29Page - Microchip Technology MIC28303 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
MIC28303
DS20005464A-page 26
 2016 Microchip Technology Inc.
5.5
Output Voltage Setting
Components
The MIC28303 requires two resistors to set the output
voltage, as shown in Figure 5-4:
FIGURE 5-4:
Voltage-Divider
Configuration.
The output voltage is determined by Equation 5-10:
EQUATION 5-10:
A typical value of R1 used on the standard evaluation
board is 10 kΩ. If R1 is too large, it may allow noise to
be introduced into the voltage feedback loop. If R1 is
too small in value, it will decrease the efficiency of the
power supply, especially at light loads. Once R1 is
selected, R11 can be calculated using Equation 5-11:
EQUATION 5-11:
5.6
Ripple Injection
The VFB ripple required for proper operation of the
MIC28303 gm amplifier and error comparator is 20 mV
to 100 mV. However, the output voltage ripple is
generally designed as 1% to 2% of the output voltage.
For a low output voltage, such as a 1V, the output
voltage ripple is only 10 mV to 20 mV, and the feedback
voltage ripple is less than 20 mV. If the feedback
voltage ripple is so small that the gm amplifier and error
comparator cannot sense it, then the MIC28303 will
lose control and the output voltage is not regulated. In
order to have some amount of VFB ripple, a ripple
injection method is applied for low output voltage ripple
applications. Table 2-2 summarizes the ripple injection
component values for ceramic output capacitor.
The applications are divided into three situations
according to the amount of the feedback voltage ripple:
• Enough ripple at the feedback voltage due to the
large ESR of the output capacitors (Figure 5-5):
FIGURE 5-5:
Enough Ripple at FB.
As shown in Figure 5-6, the converter is stable
without any ripple injection.
FIGURE 5-6:
Inadequate Ripple at FB.
The feedback voltage ripple is:
EQUATION 5-12:
• Inadequate ripple at the feedback voltage due to
the small ESR of the output capacitors, such is
the case with ceramic output capacitor.
The output voltage ripple is fed into the FB pin
through a feed-forward capacitor, Cff in this situation,
as shown in Figure 5-7. The typical Cff value is
between 1 nF and 100 nF.
g
m Amp
FB
R1
R11
V
REF
V
OUT
V
FB
1
R1
R11
----------
+


=
Where:
VFB
0.8V
R11
V
FB
R1
V
OUT
V
FB
–
-----------------------------
=
MIC28303
VOUT
FB
R1
R11
ESR
C
OUT
MIC28303
VOUT
FB
R1
R11
ESR
C
OUT
C
ff
V
FB PP

R11
R1
R11
+
-----------------------
ESR
C
OUT
I
LPP

=
Where:
∆IL(PP)
Peak-to-Peak Value of the Inductor
Current Ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com