Electronic Components Datasheet Search
  English  ▼

X  

MIC28303 Datasheet(PDF) 29 Page - Microchip Technology

Part # MIC28303
Description  50V, 3A Power Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28303 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MIC28303 Datasheet HTML 25Page - Microchip Technology MIC28303 Datasheet HTML 26Page - Microchip Technology MIC28303 Datasheet HTML 27Page - Microchip Technology MIC28303 Datasheet HTML 28Page - Microchip Technology MIC28303 Datasheet HTML 29Page - Microchip Technology MIC28303 Datasheet HTML 30Page - Microchip Technology MIC28303 Datasheet HTML 31Page - Microchip Technology MIC28303 Datasheet HTML 32Page - Microchip Technology MIC28303 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
 2016 Microchip Technology Inc.
DS20005464A-page 29
MIC28303
6.0
PCB LAYOUT GUIDELINES
To minimize EMI and output noise, follow these layout
recommendations.
PCB layout is critical to achieve reliable, stable and
efficient performance. A ground plane is required to
control EMI and minimize the inductance in power,
signal and return paths.
The following figures optimized from small form factor
point of view show top and bottom layers of a four-layer
PCB. It is recommended to use mid layer 1 as a
continuous ground plane.
The following guidelines should be followed to ensure
proper operation of the MIC28303 converter:
6.1
IC
• The analog ground pin (GND) must be connected
directly to the ground planes. Do not route the
GND pin to the PGND pin on the top layer.
• Place the IC close to the point-of-load (POL).
• Use fat traces to route the input and output power
lines.
• Analog and power grounds should be kept
separate and connected at only one location.
6.2
Input Capacitor
• Place the input capacitors on the same side of the
board and as close to the IC as possible.
• Place several vias to the ground plane close to
the input capacitor ground terminal.
• Use either X7R or X5R dielectric input capacitors.
Do not use Y5V or Z5U type capacitors.
• Do not replace the ceramic input capacitor with
any other type of capacitor. Any type of capacitor
can be placed in parallel with the input capacitor.
• If a Tantalum input capacitor is placed in parallel
with the input capacitor, it must be recommended
for switching regulator applications and the
operating voltage must be derated by 50%.
• In “Hot-Plug” applications, a Tantalum or
Electrolytic bypass capacitor must be used to limit
the over-voltage spike seen on the input supply
with power is suddenly applied.
6.3
RC Snubber
• Place the RC snubber on the same side of the
board and as close to the SW pin as possible.
6.4
SW Node
• Do not route any digital lines underneath or close
to the SW node.
• Keep the switch node (SW) away from the
feedback (FB) pin.
6.5
Output Capacitor
• Use a wide trace to connect the output capacitor
ground terminal to the input capacitor ground
terminal.
• Phase margin will change as the output capacitor
value and ESR changes.
• The feedback trace should be separate from the
power trace and connected as close as possible
to the output capacitor. Sensing a long
high-current load trace can degrade the DC load
regulation.
FIGURE 6-1:
Top and Bottom Layer of a Four-Layer Board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com