Electronic Components Datasheet Search
  English  ▼

X  

MIC28303 Datasheet(PDF) 27 Page - Microchip Technology

Part # MIC28303
Description  50V, 3A Power Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28303 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MIC28303 Datasheet HTML 23Page - Microchip Technology MIC28303 Datasheet HTML 24Page - Microchip Technology MIC28303 Datasheet HTML 25Page - Microchip Technology MIC28303 Datasheet HTML 26Page - Microchip Technology MIC28303 Datasheet HTML 27Page - Microchip Technology MIC28303 Datasheet HTML 28Page - Microchip Technology MIC28303 Datasheet HTML 29Page - Microchip Technology MIC28303 Datasheet HTML 30Page - Microchip Technology MIC28303 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
 2016 Microchip Technology Inc.
DS20005464A-page 27
MIC28303
FIGURE 5-7:
Invisible Ripple at FB.
With the feed-forward capacitor, the feedback
voltage ripple is very close to the output voltage
ripple.
EQUATION 5-13:
• Virtually no ripple at the FB pin voltage due to the
very-low ESR of the output capacitors.
In this situation, the output voltage ripple is less than
20 mV. Therefore, additional ripple is injected into the
FB pin from the switching node SW via a resistor Rinj
and a capacitor Cinj, as shown in Figure 5-7. The
injected ripple is:
EQUATION 5-14:
EQUATION 5-15:
In Equation 5-14 and Equation 5-15, it is assumed that
the time constant associated with Cff must be much
greater than the switching period:
EQUATION 5-16:
If the voltage divider resistors R1 and R11 are in the kΩ
range, then a Cff of 1 nF to 100 nF can easily satisfy the
large time constant requirements. Also, a 100 nF
injection capacitor Cinj is used in order to be considered
as short for a wide range of the frequencies.
The process of sizing the ripple injection resistor and
capacitors is:
1.
Select Cff to feed all output ripples into the feed-
back pin and make sure the large time constant
assumption is satisfied. Typical choice of Cff is
1 nF to 100 nF if R1 and R11 are in the kΩ
range.
2.
Select Rinj according to the expected feedback
voltage ripple using Equation 5-17:
EQUATION 5-17:
Then the value of Rinj is obtained as:
EQUATION 5-18:
3.
Select Cinj as 100 nF, which could be considered
as short for a wide range of the frequencies.
Table 2-2 summarizes the typical value of components
for particular input and output voltage, and 600 kHz
switching frequency design.
5.7
Thermal Measurements and Safe
Operating Area
Measuring the IC’s case temperature is recommended
to ensure it is within its operating limits. Although this
might seem like a very elementary task, it is easy to get
erroneous results. The most common mistake is to use
the standard thermal couple that comes with a thermal
meter. This thermal couple wire gauge is large, typically
22 gauge, and behaves like a heat sink, resulting in a
lower case measurement.
Two methods of temperature measurement use a
smaller
thermal
couple
wire
or
an
infrared
thermometer. If a thermal couple wire is used, it must
be constructed of 36 gauge wire or higher (smaller wire
size) to minimize the wire heat-sinking effect. In
addition, the thermal couple tip must be covered in
either thermal grease or thermal glue to make sure that
the thermal couple junction makes good contact with
the case of the IC. Omega brand thermal couple
(5SC-TT-K-36-36) is adequate for most applications.
Wherever possible, an infrared thermometer is
recommended. The measurement spot size of most
infrared thermometers is too large for an accurate
reading on small form factor ICs.
However, an IR thermometer from Optris has a 1 mm
spot size, which makes it a good choice for measuring
the hottest point on the case. An optional stand makes
it easy to hold the beam on the IC for long periods of
time.
MIC28303
SW
FB
R1
R11
ESR
C
OUT
C
ff
R
inj
C
inj
VOUT
V
FB PP

ESR
I
LPP

V
FB PP

V
IN
K
div
D
1
D
–

1
f
SW
-----------------
=
K
div
R1 R11

R
inj
R1 R11

+
--------------------------------------
=
Where:
VIN
Power Stage Input Voltage
D
Duty Cycle
fSW
Switching Frequency
(R1||R11||Rinj) x Cff
1
f
SW
-----------------
T
---1
«
=
K
div
V
FB PP

V
IN
-----------------------
f
SW
D
1
D
–

----------------------------
=
R
inj
R1 R11


1
K
div
----------
1
–


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com