Electronic Components Datasheet Search
  English  ▼

X  

MIC28303 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC28303
Description  50V, 3A Power Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28303 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC28303 Datasheet HTML 15Page - Microchip Technology MIC28303 Datasheet HTML 16Page - Microchip Technology MIC28303 Datasheet HTML 17Page - Microchip Technology MIC28303 Datasheet HTML 18Page - Microchip Technology MIC28303 Datasheet HTML 19Page - Microchip Technology MIC28303 Datasheet HTML 20Page - Microchip Technology MIC28303 Datasheet HTML 21Page - Microchip Technology MIC28303 Datasheet HTML 22Page - Microchip Technology MIC28303 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
 2016 Microchip Technology Inc.
DS20005464A-page 19
MIC28303
3.0
PIN DESCRIPTIONS
Package Type
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
Symbol
Description
1, 2, 3, 54, 64
GND
Analog Ground. Ground for internal controller and feedback resistor network. The
analog ground return path should be separate from the power ground (PGND) return
path.
4ILIM
Current Limit Setting. Connect a resistor from SW (Pin 6) to ILIM to set the
overcurrent threshold for the converter.
5, 60
VIN
Supply Voltage for Controller. The VIN operating voltage range is from 4.5V to 50V.
A 0.47 μF ceramic capacitor from VIN (pin 60) to GND is required for decoupling.
Pin 5 should be externally connected to either PVIN or Pin 60 on PCB.
6, 40 to 48, 51
SW
Switch Node and Current-Sense Input. High current output driver return. The SW
pin connects directly to the switch node. Due to the high-speed switching on this
pin, the SW pin should be routed away from sensitive nodes. The SW pin also
senses the current by monitoring the voltage across the low-side MOSFET during
OFF time.
7, 8
FREQ
Switching Frequency Adjust Input. Leaving this pin open will set the switching
frequency to 600 kHz. Alternatively, a resistor from this pin to ground can be used
to lower the switching frequency.
9 to 13
PGND
Power Ground. PGND is the return path for the buck converter power stage. The
PGND pin connects to the sources of low-side N-Channel external MOSFET, the
negative terminals of input capacitors, and the negative terminals of output
capacitors. The return path for the power ground should be as small as possible
and separate from the analog ground (GND) return path.
14 to 22
PVIN
Power Input Voltage. Connection to the drain of the internal high-side power
MOSFET.
23 to 38
VOUT
Output Voltage. Connection with the internal inductor, the output capacitor should
be connected from this pin to PGND as close to the module as possible.
39
NC
No Connection. Leave it floating.
MIC28303
64-Pin 12 mm x 12 mm QFN (MP)
PVIN
PVIN
PGND
PVIN
PVIN
PVIN
PGND
PGND
PGND
PGND
FREQ
FREQ
SW
VIN
GND
GND
VOUT
VOUT
VOUT
VOUT
VOUT
VOUT
NC
SW
SW
SW
SW
SW
SW
SW
SW
SW
ANODE
ANODE
1
3
2
6
4
7
5
10
8
11
9
14
12
15
13
17
16
18
33
34
37
35
38
36
40
39
42
41
43
44
46
45
50
47
48
49
ILIM
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com