Electronic Components Datasheet Search
  English  ▼

X  

MCP3912 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP3912
Description  3V Four-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3912 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP3912 Datasheet HTML 24Page - Microchip Technology MCP3912 Datasheet HTML 25Page - Microchip Technology MCP3912 Datasheet HTML 26Page - Microchip Technology MCP3912 Datasheet HTML 27Page - Microchip Technology MCP3912 Datasheet HTML 28Page - Microchip Technology MCP3912 Datasheet HTML 29Page - Microchip Technology MCP3912 Datasheet HTML 30Page - Microchip Technology MCP3912 Datasheet HTML 31Page - Microchip Technology MCP3912 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
MCP3912
DS20005348A-page 28
 2014 Microchip Technology Inc.
When an ADC exits ADC Shutdown mode, any phase
delay present before shutdown was entered will still be
present. If one ADC was not in Shutdown, the ADC
leaving Shutdown mode will automatically resynchro-
nize the phase delay relative to the other ADC channel
per the phase delay register block and give data ready
pulses accordingly.
If an ADC is placed in Shutdown mode while others are
converting, it does not shut down the internal clock.
When coming back out of Shutdown mode, it will
automatically be resynchronized with the clock that did
not stop during reset.
If all ADCs are in ADC Shutdown mode, the clock is not
distributed to the input structure or to the digital core for
low-power operation. This can potentially cause high
analog input leakage currents at the analog inputs if the
input voltage is highly negative (typically below -0.6V
referred to AGND). Once either of the ADCs is back to
normal operation, the clock is automatically distributed
again.
4.22
Full Shutdown Mode
The lowest power consumption can be achieved when
SHUTDOWN<3:0> = 1111,
VREFEXT = CLKEXT = 1. This mode is called Full
Shutdown mode, and no analog circuitry is enabled. In
this mode, both AVDD and DVDD POR monitoring are
also disabled and no clock is propagated throughout
the chip. All ADCs are in Shutdown mode, and the
internal voltage reference is disabled. This mode does
not reset the writable part of the register map to its
default values.
The clock is no longer distributed to the input structure as
well. This can potentially cause high analog input leak-
age currents at the analog inputs if the input voltage is
highly negative (typically below -0.6V referred to AGND).
The only circuit that remains active is the SPI interface,
but this circuit does not induce any static power
consumption. If SCK is idle, the only current
consumption comes from the leakage currents induced
by the transistors.
This mode can be used to power-down the chip
completely and avoid power consumption when there
is no data to convert at the analog inputs. Any SCK or
MCLK edge occurring while in this mode will induce
dynamic power consumption.
Once any of the SHUTDOWN<3:0>, CLKEXT and
VREFEXT bits return to ‘0’, the two POR monitoring
blocks are operational and AVDD and DVDD monitoring
can take place.
4.23
Measurement Error
The measurement error specification is typically used
in power meter applications. This specification is a
measurement of the linearity of the active energy of a
given power meter across its dynamic range.
For this measurement, the goal is to measure the
active energy of one phase when the voltage Root
Mean Square (RMS) value is fixed and the current
RMS value is sweeping across the dynamic range
specified by the meter. The measurement error is the
nonlinearity error of the energy power across the
current dynamic range. It is expressed as a
percentage. Equation 4-13 shows the formula that
calculates the measurement error:
EQUATION 4-13:
In the present device, the calculation of the active energy
is done externally as a post-processing step that typically
happens in the microcontroller, considering, for example,
the even channels as current channels and the odd
channels as voltage channels. The odd channels
(voltages) are fed with a full-scale sine wave at 600 mV
peak,
and
are
configured
with
GAIN = 1
and
DITHER = Maximum. To obtain the active energy
measurement error graphs, the even channels are fed
with sine waves with amplitudes that vary from 600 mV
peak to 60 µV peak, representing a 10000:1 dynamic
range. The offset is removed on both current and voltage
channels, and the channels are multiplied together to give
instantaneous power. The active energy is calculated by
multiplying the current and voltage channel, and
averaging the results of this power during 20 seconds to
extract the active energy. The sampling frequency is
chosen as a multiple integer of line frequency (coherent
sampling). Therefore, the calculation does not take into
account any residue coming from bad synchronization.
The measurement error is a function of IRMS and varies
with the OSR, averaging time and MCLK frequency,
and is tightly coupled with the noise and linearity
specifications. The measurement error is a function of
the linearity and THD of the ADCs, while the standard
deviation of the measurement error is a function of the
noise specification of the ADCs. Overall, the low THD
specification enables low measurement error on a very
large dynamic range (e.g. 10,000:1). A low noise and
high SNR specification enables the decreasing of the
measurement time and, therefore, the calibration time,
to obtain a reliable measurement error specification.
Figure 2-5 shows the typical measurement error curves
obtained with the samples acquired by the MCP3912,
using the default settings with a 1-point and 2-point cal-
ibration. These calibrations are detailed in Section 7.0
“Basic Application Recommendations”
.
Measurement Error I
RMS
 Measured Active Energy Active Energy present at inputs
–
Active Energy present at inputs
--------------------------------------------------------------------------------------------------------------------------------------------
100%
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com