Electronic Components Datasheet Search
  English  ▼

X  

MCP3912 Datasheet(PDF) 74 Page - Microchip Technology

Part # MCP3912
Description  3V Four-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3912 Datasheet(HTML) 74 Page - Microchip Technology

Back Button MCP3912 Datasheet HTML 70Page - Microchip Technology MCP3912 Datasheet HTML 71Page - Microchip Technology MCP3912 Datasheet HTML 72Page - Microchip Technology MCP3912 Datasheet HTML 73Page - Microchip Technology MCP3912 Datasheet HTML 74Page - Microchip Technology MCP3912 Datasheet HTML 75Page - Microchip Technology MCP3912 Datasheet HTML 76Page - Microchip Technology MCP3912 Datasheet HTML 77Page - Microchip Technology MCP3912 Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 82 page
background image
MCP3912
DS20005348A-page 74
 2014 Microchip Technology Inc.
B
A
0.10 C
0.10 C
0.10
C A B
0.05
C
(DATUM B)
(DATUM A)
NOTE 1
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
NOTE 1
1
2
N
0.10
C A B
0.10
C A B
0.10 C
0.08 C
Microchip Technology Drawing C04-140C Sheet 1 of 2
28-Lead Plastic Quad Flat, No Lead Package (MQ) – 5x5x0.9 mm Body [QFN or VQFN]
2X
28X
D
E
1
2
N
e
28X L
28X K
E2
D2
28X b
A3
A
C
SEATING
PLANE
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com