Electronic Components Datasheet Search
  English  ▼

X  

MCP3912 Datasheet(PDF) 59 Page - Microchip Technology

Part # MCP3912
Description  3V Four-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3912 Datasheet(HTML) 59 Page - Microchip Technology

Back Button MCP3912 Datasheet HTML 55Page - Microchip Technology MCP3912 Datasheet HTML 56Page - Microchip Technology MCP3912 Datasheet HTML 57Page - Microchip Technology MCP3912 Datasheet HTML 58Page - Microchip Technology MCP3912 Datasheet HTML 59Page - Microchip Technology MCP3912 Datasheet HTML 60Page - Microchip Technology MCP3912 Datasheet HTML 61Page - Microchip Technology MCP3912 Datasheet HTML 62Page - Microchip Technology MCP3912 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 82 page
background image
 2014 Microchip Technology Inc.
DS20005348A-page 59
MCP3912
TABLE 8-2:
REGISTER MAP GROUPING FOR ALL CONTINUOUS READ/WRITE MODES
Function
Address
READ<1:0>
WRITE
= “11”
= “10”
= “01”
= “00”
= “1”
= “0”
CHANNEL 0
0x00
GROUP
Static
CHANNEL 1
0x01
Static
CHANNEL 2
0x02
GROUP
Static
CHANNEL 3
0x03
Static
MOD
0x08
GROUP
Static
Static
PHASE
0x0A
Static
Static
GAIN
0x0B
Static
Static
STATUSCOM
0x0C
GROUP
Static
Static
CONFIG0
0x0D
Static
Static
CONFIG1
0x0E
Static
Static
OFFCAL_CH0
0x0F
GROUP
Static
Static
GAINCAL_CH0
0x10
Static
Static
OFFCAL_CH1
0x11
GROUP
Static
Static
GAINCAL_CH1
0x12
Static
Static
OFFCAL_CH2
0x13
GROUP
Static
Static
GAINCAL_CH2
0x14
Static
Static
OFFCAL_CH3
0x15
GROUP
Static
Static
GAINCAL_CH3
0x16
Static
Static
LOCK/CRC
0x1F
GROUP
Static
Static



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com