Electronic Components Datasheet Search
  English  ▼

X  

MCP3912 Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP3912
Description  3V Four-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3912 Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP3912 Datasheet HTML 30Page - Microchip Technology MCP3912 Datasheet HTML 31Page - Microchip Technology MCP3912 Datasheet HTML 32Page - Microchip Technology MCP3912 Datasheet HTML 33Page - Microchip Technology MCP3912 Datasheet HTML 34Page - Microchip Technology MCP3912 Datasheet HTML 35Page - Microchip Technology MCP3912 Datasheet HTML 36Page - Microchip Technology MCP3912 Datasheet HTML 37Page - Microchip Technology MCP3912 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 82 page
background image
MCP3912
DS20005348A-page 34
 2014 Microchip Technology Inc.
5.5
ADC Output Coding
The second-order modulator, SINC3+SINC1 filter,
PGA, VREF and the analog input structure all work
together to produce the device transfer function for the
analog-to-digital conversion (see Equation 5-3).
Channel data is calculated on 24-bit (23-bit plus sign)
and coded in two's complement format, MSB first. The
output format can then be modified by the
WIDTH_DATA<1:0> settings in the STATUSCOM
register to allow 16-/24-/32-bit format compatibility (see
Section 8.5 “STATUSCOM Register – Status and
Communication Register”
for more information).
In
case
of
positive
saturation
(CHn+ – CHn-
>VREF/1.5), the output is locked to 7FFFFF for 24-bit
mode.
In
case
of
negative
saturation
(CHn+ - CHn- < -VREF/1.5), the output code is locked
to 800000 for 24-bit mode.
Equation 5-3 is only true for DC inputs. For AC inputs,
this transfer function needs to be multiplied by the
transfer function of the SINC3+SINC1 filter (see
Equation 5-1 and Equation 5-3).
EQUATION 5-3:
For other than the default 24-bit data formats,
Equation 5-3 should be multiplied by a scaling factor
depending on the data format used (defined by
WIDTH_DATA<1:0>). The data format and associated
scaling factors are given in Figure 5-5.
FIGURE 5-5:
Output Data Formats.
The ADC resolution is a function of the OSR
(Section 5.4 “SINC3 + SINC1 Filter”). The resolution
is the same for all channels. No matter what the
resolution is, the ADC output data is always calculated
in 24-bit words, with added zeros at the end if the OSR
is not large enough to produce 24-bit resolution (left
justification).
DATA_CHn
CH
n+
CH
n-
–

V
REF+
V
REF-
–
-----------------------------------------



8,388,608
G
1.5
=
For 24-bit Mode, WIDTH_Data<1:0> = 01(Default)
WIDTH_DATA<1:0> =
11
32-bit with sign extension
DATA
<23>
DATA
<23:16>
31
0
DATA
<15:8>
DATA
<7:0>
WIDTH_DATA<1:0> =
10
32-bit with zeros padded
0x00
31
0
DATA
<23:16>
DATA
<7:0>
DATA
<15:8>
WIDTH_DATA<1:0> =
01
24-bit
DATA
<23:16>
DATA
<15:8>
DATA
<7:0>
23
0
WIDTH_DATA<1:0> =
00
16-bit
DATA
<15:8>
15
0
DATA
<23:16>
Rounded
Unformatted ADC data
DATA
<23:16>
DATA
<15:8>
DATA
<7:0>
23
0
x1/256
x1
x256
x1
Scaling
Factor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com