Electronic Components Datasheet Search
  English  ▼

X  

MCP3912 Datasheet(PDF) 64 Page - Microchip Technology

Part # MCP3912
Description  3V Four-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3912 Datasheet(HTML) 64 Page - Microchip Technology

Back Button MCP3912 Datasheet HTML 60Page - Microchip Technology MCP3912 Datasheet HTML 61Page - Microchip Technology MCP3912 Datasheet HTML 62Page - Microchip Technology MCP3912 Datasheet HTML 63Page - Microchip Technology MCP3912 Datasheet HTML 64Page - Microchip Technology MCP3912 Datasheet HTML 65Page - Microchip Technology MCP3912 Datasheet HTML 66Page - Microchip Technology MCP3912 Datasheet HTML 67Page - Microchip Technology MCP3912 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 82 page
background image
MCP3912
DS20005348A-page 64
 2014 Microchip Technology Inc.
8.5
STATUSCOM Register – Status
and Communication Register
Name
Bits
Address
Cof.
STATUSCOM
24
0x0C
R/W
REGISTER 8-5:
STATUSCOM REGISTER
R/W-1
R/W-0
R/W-1
R/W-0
R/W-1
R/W-0
R/W-0
R/W-1
READ<1>
READ<0>
WRITE
DR_HIZ
DR_LINK
WIDTH_ CRC
WIDTH_ DATA<1> WIDTH_ DATA<0>
bit 23
bit 16
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
U-0
U-0
EN_CRCCOM
EN_INT
Reserved
Reserved
—
—
—
—
bit 15
bit 8
U-0
U-0
U-0
U-0
R-1
R-1
R-1
R-1
—
—
—
—
DRSTATUS<3>
DRSTATUS<2>
DRSTATUS<1>
DRSTATUS<0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 23-22
READ<1:0>:
Address counter increment setting for Read Communication
11
= Address counter auto-increments, and loops on the entire register map
10
= Address counter auto-increments, and loops on register TYPES (DEFAULT)
01
= Address counter auto-increments, and loops on register GROUPS
00
= Address is not incremented, and continually reads the same single-register address
bit 21
WRITE:
Address counter increment setting for Write Communication
1
= Address counter auto-increments and loops on writable part of the register map (DEFAULT)
0
= Address is not incremented, and continually writes to the same single register address
bit 20
DR_HIZ:
Data Ready Pin Inactive State Control
1
= The DR pin state is a logic high when data is NOT ready
0
= The DR pin state is high-impedance when data is NOT ready (DEFAULT)
bit 19
DR_LINK
Data Ready Link Control
1
= Data Ready link enabled. Only one pulse is generated on the DR pin for all ADC channels,
corresponding to the data ready pulse of the most lagging ADC. (DEFAULT)
0
= Data Ready link disabled. Each ADC produces its own data ready pulse on the DR pin.
bit 18
WIDTH_CRC
Format for CRC-16 on communications
1
= 32-bit (CRC-16 code is followed by zeros). This coding is compatible with CRC implementation in
most 32-bit MCUs (including PIC32 MCUs).
0
= 16 bit (default)
bit 17-16
WIDTH_DATA<1:0>:
ADC Data Format Settings for all ADCs (see Section 5.5 “ADC Output Coding”)
11
= 32-bit with sign extension
10
= 32-bit with zeros padding
01
= 24-bit (default)
00
= 16-bit (with rounding)
bit 15
EN_CRCCOM:
Enable CRC CRC-16 Checksum on Serial communications
1
= CRC-16 Checksum is provided at the end of each communication sequence (therefore each
communication is longer). The CRC-16 Message is the complete communication sequence (see
section Section 6.9 “Securing Read Communications Through CRC-16 Checksum” for more
details).
0
= Disabled (Default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com