Electronic Components Datasheet Search
  English  ▼

X  

MCP3912 Datasheet(PDF) 69 Page - Microchip Technology

Part # MCP3912
Description  3V Four-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3912 Datasheet(HTML) 69 Page - Microchip Technology

Back Button MCP3912 Datasheet HTML 65Page - Microchip Technology MCP3912 Datasheet HTML 66Page - Microchip Technology MCP3912 Datasheet HTML 67Page - Microchip Technology MCP3912 Datasheet HTML 68Page - Microchip Technology MCP3912 Datasheet HTML 69Page - Microchip Technology MCP3912 Datasheet HTML 70Page - Microchip Technology MCP3912 Datasheet HTML 71Page - Microchip Technology MCP3912 Datasheet HTML 72Page - Microchip Technology MCP3912 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 82 page
background image
 2014 Microchip Technology Inc.
DS20005348A-page 69
MCP3912
8.8
OFFCAL_CHn and GAINCAL_CHn
Registers – Digital Offset and Gain
Error Calibration Registers
Name
Bits
Address
Cof.
OFFCAL_CH0
24
0x0F
R/W
GAINCAL_CH0
24
0x10
R/W
OFFCAL_CH1
24
0x11
R/W
GAINCAL_CH1
24
0x12
R/W
OFFCAL_CH2
24
0x13
R/W
GAINCAL_CH2
24
0x14
R/W
OFFCAL_CH3
24
0x15
R/W
GAINCAL_CH3
24
0x16
R/W
REGISTER 8-8:
OFFCAL_CHN REGISTERS
R/W-0
OFFCAL_CHn<23:0>
bit 23
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 23-0
OFFCAL_CHn:
Digital Offset calibration value for the corresponding channel CHn. This register is
simply added to the output code of the channel bit-by-bit. This register is 24-bit two's complement
MSB first coding. CHn Output Code = OFFCAL_CHn + ADC CHn Output Code. This register is a
Don't Care if EN_OFFCAL = 0 (Offset calibration disabled), but its value is not cleared by the
EN_OFFCAL bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com