Electronic Components Datasheet Search
  English  ▼

X  

MCP3912 Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP3912
Description  3V Four-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3912 Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP3912 Datasheet HTML 28Page - Microchip Technology MCP3912 Datasheet HTML 29Page - Microchip Technology MCP3912 Datasheet HTML 30Page - Microchip Technology MCP3912 Datasheet HTML 31Page - Microchip Technology MCP3912 Datasheet HTML 32Page - Microchip Technology MCP3912 Datasheet HTML 33Page - Microchip Technology MCP3912 Datasheet HTML 34Page - Microchip Technology MCP3912 Datasheet HTML 35Page - Microchip Technology MCP3912 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 82 page
background image
MCP3912
DS20005348A-page 32
 2014 Microchip Technology Inc.
5.3.4
DITHER SETTINGS
All modulators include a dithering algorithm that can be
enabled through the DITHER<1:0> bits in the
Configuration register. This dithering process improves
THD and SFDR (for high OSR settings), while slightly
increasing the noise floor of the ADCs. For power
metering applications and applications that are
distortion sensitive, it is recommended to keep DITHER
at maximum settings for best THD and SFDR
performance. In the case of power metering
applications, THD and SFDR are critical specifications.
Optimizing SNR (noise floor) is not problematic due to
the large averaging factor at the output of the ADCs.
Therefore, even for low OSR settings, the dithering
algorithm will show a positive impact on the
performance of the application.
5.4
SINC3 + SINC1 Filter
The decimation filter present in all channels of the
MCP3912 is a cascade of two sinc filters (sinc3+sinc1):
a third-order sinc filter with a decimation ratio of OSR3,
followed by a first-order sinc filter with a decimation
ratio of OSR1 (moving average of OSR1 values).
Figure 5-2 represents the decimation filter architecture.
FIGURE 5-2:
MCP3912 Decimation Filter Block Diagram.
Equation 5-1 calculates the filter z-domain transfer
function.
EQUATION 5-1:
SINC FILTER TRANSFER
FUNCTION
Equation 5-2 calculates the settling time of the ADC as
a function of DMCLK periods.
EQUATION 5-2:
The SINC1 filter following the SINC3 filter is only
enabled for the high OSR settings (OSR > 512). This
SINC1 filter provides additional rejection at a low cost
with little modification to the -3 dB bandwidth. The
resolution (number of possible output codes expressed
in powers of two or in bits) of the digital filter is 24-bit
maximum for any OSR and data format choice. The
resolution depends only on the OSR<2:0> settings in
the CONFIG0 register per the Table 5-3. Once the OSR
is chosen, the resolution is fixed and the output code
respects
the
data
format
defined
by
the
WIDTH_DATA<1:0> setting in the STATUSCOM
register (see Section 5.5 “ADC Output Coding”).
Modulator
Output
SINC
3
SINC
1
Decimation
Filter Output
OSR3
OSR1
4
16 (WIDTH=0)
24 (WIDTH=1)
Decimation Filter
OSR1=1
Hz

1z
- OSR
3
–


3
OSR
3
1z 1
–
–

3
----------------------------------------------
1z
- OSR
1
OSR
3
–


OSR
1
1z
- OSR
3
–


---------------------------------------------------------
=
Where z
EXP 2
jf
in

 DMCLK


=
Sett lingTi me DMCLKperiods
 3OSR
3
OSR
1
1
–
 OSR
3
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com