Electronic Components Datasheet Search
  English  ▼

X  

MIC4685 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC4685
Description  3A SPAK SuperSwitcher??Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4685 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC4685 Datasheet HTML 5Page - Micrel Semiconductor MIC4685 Datasheet HTML 6Page - Micrel Semiconductor MIC4685 Datasheet HTML 7Page - Micrel Semiconductor MIC4685 Datasheet HTML 8Page - Micrel Semiconductor MIC4685 Datasheet HTML 9Page - Micrel Semiconductor MIC4685 Datasheet HTML 10Page - Micrel Semiconductor MIC4685 Datasheet HTML 11Page - Micrel Semiconductor MIC4685 Datasheet HTML 12Page - Micrel Semiconductor MIC4685 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MIC4685
Micrel
September 2002
9
MIC4685
Block Diagrams
SW
FB
R1
R2
COUT
VIN
IN
VOUT
MIC4685
Internal
Regulator
Bootstrap
Charger
Enable
200kHz
Oscillator
Thermal
Shutdown
Reset
Current
Limit
Com-
parator
Error
Amp
Driver
1.235V
Bandgap
Reference
VV
R1
R2
1
R1 R2
V
V
1
V
1.235V
OUT
REF
OUT
REF
REF
=+


=−


=
FIgure 1. Adjustable Regulator
Functional Description
The MIC4685 is a variable duty cycle switch-mode regulator
with an internal power switch. Refer to the above block
diagram.
Supply Voltage
The MIC4685 operates from a +4V to +30V (34V transient)
unregulated input. Highest efficiency operation is from a
supply voltage around +12V. See the efficiency curves in the
Typical Characteristics section on page 5.
Enable/Shutdown
The enable (EN) input is TTL compatible. Tie the input high
if unused. A logic-high enables the regulator. A logic-low
shuts down the internal regulator which reduces the current
to typically 150
µA when V
EN = 0V.
Feedback
An external resistive voltage divider is required from the
output voltage to ground, center tapped to the FB pin. See
Table 1 and Table 2 for recommended resistor values.
Duty Cycle Control
A fixed-gain error amplifier compares the feedback signal
with a 1.235V bandgap voltage reference. The resulting error
amplifier output voltage is compared to a 200kHz sawtooth
waveform to produce a voltage controlled variable duty cycle
output.
A higher feedback voltage increases the error amplifier
output voltage. A higher error amplifier voltage (comparator
inverting input) causes the comparator to detect only the
peaks of the sawtooth, reducing the duty cycle of the com-
parator output. A lower feedback voltage increases the duty
cycle. The MIC4685 uses a voltage-mode control architec-
ture.
Output Switching
When the internal switch is ON, an increasing current flows
from the supply V
IN, through external storage inductor L1, to
output capacitor C
OUT and the load. Energy is stored in the
inductor as the current increases with time.
When the internal switch is turned OFF, the collapse of the
magnetic field in L1 forces current to flow through fast
recovery diode D1, charging C
OUT.
Output Capacitor
External output capacitor C
OUT provides stabilization and
reduces ripple.
Return Paths
During the ON portion of the cycle, the output capacitor and
load currents return to the supply ground. During the OFF
portion of the cycle, current is being supplied to the output
capacitor and load by storage inductor L1, which means that
D1 is part of the high-current return path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com