Electronic Components Datasheet Search
  English  ▼

X  

MIC4685 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MIC4685
Description  3A SPAK SuperSwitcher??Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4685 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC4685 Datasheet HTML 7Page - Micrel Semiconductor MIC4685 Datasheet HTML 8Page - Micrel Semiconductor MIC4685 Datasheet HTML 9Page - Micrel Semiconductor MIC4685 Datasheet HTML 10Page - Micrel Semiconductor MIC4685 Datasheet HTML 11Page - Micrel Semiconductor MIC4685 Datasheet HTML 12Page - Micrel Semiconductor MIC4685 Datasheet HTML 13Page - Micrel Semiconductor MIC4685 Datasheet HTML 14Page - Micrel Semiconductor MIC4685 Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
MIC4685
Micrel
MIC4685
14
September 2002
Abbreviated Bill of Material (Critical Components)
Reference
Part Number
Manufacturer
Description
Qty
C1
594D336X0035R2T
Vishay Sprague1
33
µF 35V
1
C2, C7
VJ0805Y104KXAAB
Vitramon
0.1
µF 50V
2
C3
GRM426X7R334K50
Murata
0.33
µF, 50V ceramic capacitor
C4*
Optional
1800pF, 50V ceramic
(1)
C5
594D337X06R3D2T
Vishay Sprague1
330
µF, 6.3V, tantalum
1
D1
B340A
Diode Inc2
Schottky 3A 40V
1
D2
B340A
Diode Inc2
Schottky 3A 40V
1
MBRX120
Micro Commercial Component5
Schottky 1A 22V
L1
CDRH127-390MC
Sumida3
39
µH1
U1
MIC4685BR
Micrel Semiconductor4
3A 200kHz SPAK buck regulator
1
1 Vishay Sprague, Inc., tel: 207-490-7256, http://www.vishay.com
2 Diodes Inc, tel: 805-446-4800, http://www.diodes.com
3 Sumida, tel: 510-668-0660, http://www.sumida.com
4 Micrel, tel: 408-944-0800, httzp://www.micrel.com
5 Micro Commercial Component, tel: 818-701-4933, http://www.mccsemi.com
Printed Circuit Board
Figure 5a. Top Silk Screen
Figure 5c. Top Side Copper
Figure 5d. Bottom Side Copper
Figure 5b. Bottom Silk Screen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com