Electronic Components Datasheet Search
  English  ▼

X  

MIC4685 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC4685
Description  3A SPAK SuperSwitcher??Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4685 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC4685 Datasheet HTML 7Page - Micrel Semiconductor MIC4685 Datasheet HTML 8Page - Micrel Semiconductor MIC4685 Datasheet HTML 9Page - Micrel Semiconductor MIC4685 Datasheet HTML 10Page - Micrel Semiconductor MIC4685 Datasheet HTML 11Page - Micrel Semiconductor MIC4685 Datasheet HTML 12Page - Micrel Semiconductor MIC4685 Datasheet HTML 13Page - Micrel Semiconductor MIC4685 Datasheet HTML 14Page - Micrel Semiconductor MIC4685 Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MIC4685
Micrel
September 2002
11
MIC4685
BS
L1
39
µH
IN
FB
GND
COUT
R1
R2
D1
VOUT
MIC4685BR
GND
CIN
VIN
+4V to +30V
(34V transient)
7-lead
SPAK
4, Tab
3
1
2
SW
EN
6
5
Figure 2. Critical Traces for Layout
Layout Considerations
Layout is very important when designing any switching regu-
lator. Rapidly changing currents through the printed circuit
board traces and stray inductance can generate voltage
transients which can cause problems.
To minimize stray inductance and ground loops, keep trace
lengths as short as possible. For example, keep D1 close to
pin 6 and pin 4, and Tab, keep L1 away from sensitive node
FB, and keep C
IN close to pin 2 and pin 4, and Tab. See
Applications Information: Thermal Considerations for ground
plane layout.
The feedback pin should be kept as far way from the switching
elements (usually L1 and D1) as possible.
A circuit with sample layouts are provided. See Figure 7.
Gerber files are available upon request.
Bootstrap Diode
The bootstrap diode provides an external bias source directly
to the main pass element, this reduces V
SAT thus allowing the
MIC4685 to be used in very low head-room applications i.e.
5V
IN to 3.3VOUT with high efficiencies. Bootstrap diode not for
use if V
IN exceeds 16V, VIN. See Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com