Electronic Components Datasheet Search
  English  ▼

X  

MIC4685 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MIC4685
Description  3A SPAK SuperSwitcher??Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4685 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MIC4685 Datasheet HTML 7Page - Micrel Semiconductor MIC4685 Datasheet HTML 8Page - Micrel Semiconductor MIC4685 Datasheet HTML 9Page - Micrel Semiconductor MIC4685 Datasheet HTML 10Page - Micrel Semiconductor MIC4685 Datasheet HTML 11Page - Micrel Semiconductor MIC4685 Datasheet HTML 12Page - Micrel Semiconductor MIC4685 Datasheet HTML 13Page - Micrel Semiconductor MIC4685 Datasheet HTML 14Page - Micrel Semiconductor MIC4685 Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MIC4685
Micrel
MIC4685
12
September 2002
V
OUT
I
OUT*R1
R2
V
IN
C1
D1
D2
L1
C4
5.0V
2.1A
3.01k
976
Ω
7.5V–16V
47
µF, 20V
3A, 30V
1A, 20V
39
µH
330
µF, 6.3V
Vishay-Dale
Schottky
Schottky
Sumida
Vishay-Dale
595D476X0020D2T
B330A
MBRX120 CDRH127R-390MC 594D337X06R3D2T
3.3V
2.2A
3.01k
1.78k
6.0V–16V
47
µF, 20V
3A, 30V
1A, 20V
39
µH
330
µF, 6.3V
Vishay-Dale
Schottky
Schottky
Sumida
Vishay-Dale
595D476X0020D2T
B330A
MBRX120 CDRH127R-390MC 594D337X06R3D2T
2.5V
2.0A
3.01k
2.94k
5.0V–16V
47
µF, 20V
3A, 30V
1A, 20V
39
µH
330
µF, 6.3V
Vishay-Dale
Schottky
Schottky
Sumida
Vishay-Dale
595D476X0020D2T
B330A
MBRX120 CDRH127R-390MC 594D337X06R3D2T
1.8V
2.0A
3.01k
6.49k
5.0V–16V
47
µF, 20V
3A, 30V
1A, 20V
39
µH
330
µF, 6.3V
Vishay-Dale
Schottky
Schottky
Sumida
Vishay-Dale
595D476X0020D2T
B330A
MBRX120 CDRH127R-390MC 594D337X06R3D2T
*
Maximum output current at minimum input voltage. See SOA curves for maximum output current vs. input voltage.
Table 1. Recommended Components for Common Ouput Voltages
Recommended Components for a Given Output Voltage (Bootstrap Configuration)
SW
L1
39
µH
IN
FB
GND
EN
D1
B330A
or
SS33
J2
VOUT
J4
GND
U1 MIC4685BR
C2
0.1
µF
50V
C1
47
µF
20V
J1
VIN
D2
MBRX120
1A/20V
J3
GND
JP3
4, Tab
3
BS
1
6
2
5
ON
OFF
C5
330
µF
6.3V
C4*
optional
C7
0.1
µF
50V
C3
0.33
µF
50V
R1
R2
* C4 can be used to provide additional stability
and improved transient response.
Note: optimized for 5VOUT
Figure 3. Schematic Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com