Electronic Components Datasheet Search
  English  ▼

X  

MIC4685 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC4685
Description  3A SPAK SuperSwitcher??Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4685 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC4685 Datasheet HTML 1Page - Micrel Semiconductor MIC4685 Datasheet HTML 2Page - Micrel Semiconductor MIC4685 Datasheet HTML 3Page - Micrel Semiconductor MIC4685 Datasheet HTML 4Page - Micrel Semiconductor MIC4685 Datasheet HTML 5Page - Micrel Semiconductor MIC4685 Datasheet HTML 6Page - Micrel Semiconductor MIC4685 Datasheet HTML 7Page - Micrel Semiconductor MIC4685 Datasheet HTML 8Page - Micrel Semiconductor MIC4685 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MIC4685
Micrel
September 2002
1
MIC4685
MIC4685
3A SPAK SuperSwitcher™ Buck Regulator
Final
General Description
The MIC4685 is a high-efficiency 200kHz stepdown (buck)
switching regulator. Power conversion efficiency of above
85% is easily obtainable for a wide variety of applications.
The MIC4685 achieves 3A of continuous current in the 7-lead
SPAK package.
The thermal performance of the SPAK allows it to replace
TO-220s and TO-263s (D2 PAKs) in many applications. The
SPAK saves board space with a 36% smaller footprint than
TO-263.
High efficiency is maintained over a wide output current range
by utilizing a boost capacitor to increase the voltage available
to saturate the internal power switch. As a result of this high
efficiency, only the ground plane of the PCB is needed for a
heat sink.
The MIC4685 allows for a high degree of safety. It has a wide
input voltage range of 4V to 30V (34V transient), allowing it to
be used in applications where input voltage transients may be
present. Built-in safety features include over-current protec-
tion, frequency-foldback short-circuit protection, and thermal
shutdown.
The MIC4685 is available in an 7-lead SPAK package with a
junction temperature range of –40
°C to +125°C.
Typical Applications
BS
IN
1
6
3
4, Tab
2
5
SW
FB
EN
GND
MIC4685BR
CBS
0.33
µF/50V
CIN
33
µF
35V
COUT
330
µF
6.3V
D1
3A
40V
R1
3.01k
R2
6.49k
L1
39
µH
VIN
8V to 30V
VOUT
1.8V/3A
1.8V Output Converter
Features
• Low 2mm profile SPAK package
• 3A continuous output current
• Wide 4V to 30V input voltage range (34V transient)
• Fixed 200kHz PWM operation
• Over 85% efficiency
• Output voltage adjustable to 1.235V
• All surface mount solution
• Internally compensated with fast transient response
• Over-current protection
• Frequency foldback short-circuit protection
• Thermal shutdown
Applications
• Point of load power supplies
• Simple high-efficiency step-down regulators
• 5V to 3.3V/2A conversion
• 12V to 5V/3.3V/2.5V/1.8V 3A conversion
• Dual-output
±5V conversion
• Base stations
• LCD power supplies
• Battery chargers
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
Ordering Information
Part Number
Voltage
Junction Temperature Range
Package
MIC4685BR
Adj
–40
°C to +125°C
SPAK-07L
BS
IN
1
6
3
4, Tab
2
5
SW
FB
EN
GND
DBS
3A, 20V
MIC4685BR
CBS
0.33
µF/50V
CIN
68
µF
10V
330
µF
6.3V
D1
3A
20V
R1
3.01k
R2
1.78k
L1
39
µH
VIN
5V
±10%
VOUT
3.3V/2A
5V to 3.3V Converter


Similar Part No. - MIC4685

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4685BR MICREL-MIC4685BR Datasheet
336Kb / 17P
3A SPAK SuperSwitcher Buck Regulator
MIC4685WR MICREL-MIC4685WR Datasheet
336Kb / 17P
3A SPAK SuperSwitcher Buck Regulator
MIC4685WREV MICREL-MIC4685WREV Datasheet
336Kb / 17P
3A SPAK SuperSwitcher Buck Regulator
MIC4685 MICREL-MIC4685_10 Datasheet
336Kb / 17P
3A SPAK SuperSwitcher Buck Regulator
More results

Similar Description - MIC4685

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4680 MICREL-MIC4680 Datasheet
276Kb / 16P
1A 200kHz SuperSwitcher??Buck Regulator Final Information
MIC4690 MICREL-MIC4690 Datasheet
225Kb / 12P
500kHz 1A SuperSwitcher Buck Regulator
MIC4684 MICREL-MIC4684 Datasheet
213Kb / 16P
2A High-Efficiency SuperSwitcher Buck Regulator
MIC4681 MICREL-MIC4681 Datasheet
395Kb / 19P
2A-Peak SuperSwitcher??SOP-8 Buck Regulator
MIC4680 MICREL-MIC4680_08 Datasheet
890Kb / 15P
1A 200kHz SuperSwitcher Buck Regulator
MIC4681 MICREL-MIC4681_05 Datasheet
247Kb / 16P
2A-Peak SuperSwitcher SOP-8 Buck Regulator
MIC4684 MICREL-MIC4684_10 Datasheet
504Kb / 16P
2A High-Efficiency SuperSwitcher Buck Regulator
MIC4685 MICREL-MIC4685_10 Datasheet
336Kb / 17P
3A SPAK SuperSwitcher Buck Regulator
MIC4690 MICREL-MIC4690_05 Datasheet
280Kb / 12P
500kHz 1A SuperSwitcher Buck Regulator
logo
Microchip Technology
MIC4680 MICROCHIP-MIC4680 Datasheet
2Mb / 24P
1A 200 kHz SuperSwitcher??Buck Regulator
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com