Electronic Components Datasheet Search
  English  ▼

X  

MIC4685 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC4685
Description  3A SPAK SuperSwitcher??Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4685 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC4685 Datasheet HTML 6Page - Micrel Semiconductor MIC4685 Datasheet HTML 7Page - Micrel Semiconductor MIC4685 Datasheet HTML 8Page - Micrel Semiconductor MIC4685 Datasheet HTML 9Page - Micrel Semiconductor MIC4685 Datasheet HTML 10Page - Micrel Semiconductor MIC4685 Datasheet HTML 11Page - Micrel Semiconductor MIC4685 Datasheet HTML 12Page - Micrel Semiconductor MIC4685 Datasheet HTML 13Page - Micrel Semiconductor MIC4685 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MIC4685
Micrel
MIC4685
10
September 2002
Applications Information
Adjustable Regulators
Adjustable regulators require a 1.235V feedback signal.
Recommended voltage-divider resistor values for common
output voltages are included in Table 1.
For other voltages, the resistor values can be determined
using the following formulas:
VV
R1
R2
1
R1 R2
V
V
1
V
1.235V
OUT
REF
OUT
REF
REF
=+


=−


=
Thermal Considerations
The MIC4685 is capable of high current due to the thermally
optimized SPAK package.
One limitation of the maximum output current on any MIC4685
design is the junction-to-ambient thermal resistance (
θ
JA) of
the design (package and ground plane).
Examining
θ
JA in more detail:
θ
JA = (θJC + θCA)
where:
θ
JC = junction-to-case thermal resistance
θ
CA = case-to-ambient thermal resistance
θ
JC is a relatively constant 2.2°C/W for a 7-lead SPAK.
θ
CA is dependent on layout and is primarily governed by the
connection of pins 4, and Tab to the ground plane. The
purpose of the ground plane is to function as a heat sink.
Checking the Maximum Junction Temperature:
For this example, with an output power (P
OUT) of 7.5W, (5V
output at 1.5A with V
IN = 12V) and 60°C maximum ambient
temperature, what is the junction temperature?
Referring to the “Typical Characteristics: 5V Output Effi-
ciency” graph, read the efficiency (
η) for 1.5A output current
at V
IN = 12V or perform you own measurement.
η = 84%
The efficiency is used to determine how much of the output
power (P
OUT) is dissipated in the regulator circuit (PD).
P=
P
P
D
OUT
OUT
η
−
P=
7.5W
0.84
5W
D
− 7.
P
D = 1.43W
A worst-case rule of thumb is to assume that 80% of the total
output power dissipation is in the MIC4685 (P
D(IC)) and 20%
is in the diode-inductor-capacitor circuit.
P
D(IC) = 0.8 PD
P
D(IC) = 0.8 × 1.43W
P
D(IC) = 1.14W
Calculate the worst-case junction temperature:
T
J = PD(IC) θJC + (TC – TA) + TA(max)
where:
T
J = MIC4685 junction temperature
P
D(IC) = MIC4685 power dissipation
θ
JC = junction-to-case thermal resistance.
The
θ
JC for the MIC4685’s 7-lead SPAK is approximately
2.2
°C/W.
T
C = “pin” temperature measurement taken at the
Tab.
T
A = ambient temperature
T
A(max) = maximum ambient operating temperature
for the specific design.
Calculating the maximum junction temperature given a
maximum ambient temperature of 60
°C:
T
J = 1.14 × 2.2°C + (46°C – 25°C) + 60°C
T
J = 83.5°C
This value is within the allowable maximum operating junc-
tion temperature of 125
°C as listed in “Operating Ratings.”
Typical thermal shutdown is 160
°C and is listed in Electrical
Characteristics. Also see Typical Safe Operating Area (SOA)
graphs on page 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com