Electronic Components Datasheet Search
  English  ▼

X  

MIC4685 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC4685
Description  3A SPAK SuperSwitcher??Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4685 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC4685 Datasheet HTML 1Page - Micrel Semiconductor MIC4685 Datasheet HTML 2Page - Micrel Semiconductor MIC4685 Datasheet HTML 3Page - Micrel Semiconductor MIC4685 Datasheet HTML 4Page - Micrel Semiconductor MIC4685 Datasheet HTML 5Page - Micrel Semiconductor MIC4685 Datasheet HTML 6Page - Micrel Semiconductor MIC4685 Datasheet HTML 7Page - Micrel Semiconductor MIC4685 Datasheet HTML 8Page - Micrel Semiconductor MIC4685 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MIC4685
Micrel
September 2002
3
MIC4685
Electrical Characteristics
V
IN = VEN = 12V, VOUT = 5V; IOUT = 500mA; TA = 25°C, unless otherwise noted. Bold values indicate –40°C ≤ TJ ≤ +125°C.
Parameter
Condition
Min
Typ
Max
Units
Feedback Voltage
(
±2%)
1.210
1.235
1.260
V
(
±3%)
1.198
1.272
V
8V
≤ V
IN ≤ 30V, 0.1A ≤ ILOAD ≤ 1A, VOUT = 5V, Note 4
1.186
1.235
1.284
V
1.173
1.297
V
Feedback Bias Current
50
nA
Maximum Duty Cycle
V
FB = 1.0V
94
%
Output Leakage Current
V
IN = 30V, VEN = 0V, VSW = 0V
5
500
µA
V
IN = 30V, VEN = 0V, VSW = –1V
1.4
20
mA
Quiescent Current
V
FB = 1.5V
6
12
mA
Bootstrap Drive Current
V
FB = 1.5V, VSW = 0V
250
380
mA
Bootstrap Voltage
I
BS = 10mA, VFB = 1.5V, VSW = 0V
5.5
6.2
V
Frequency Fold Back
V
FB = 0V
30
70
120
kHz
Oscillator Frequency
180
200
225
kHz
Saturation Voltage
I
OUT = 1A
0.59
V
Short Circuit Current Limit
V
FB = 0V, See Test Circuit
3.5
6
A
Shutdown Current
V
EN = 0V
150
200
µA
Enable Input Logic Level
regulator on
2
V
regulator off
0.8
V
Enable Pin Input Current
V
EN = 0V (regulator off)
16
50
µA
V
EN = 12V (regulator on)
–1
–0.83
mA
Thermal Shutdown @ T
J
160
°C
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k
Ω in series with 100pF.
Note 4.
2.5V of headroom is required between V
IN and VOUT. The headroom can be reduced by implementing a bootstrap diode as seen on the 5V to
3.3V circuit on page 1.
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
IN), Note 1 ...................................... +34V
Enable Voltage (V
EN) .................................... –0.3V to +VIN
Steady-State Output Switch Voltage (V
SW) ....... –1V to VIN
Feedback Voltage (V
FB) .............................................. +12V
Storage Temperature (T
S) ....................... –65°C to +150°C
ESD Rating Note 3 ....................................................... 2kV
Operating Ratings (Note 2)
Supply Voltage (V
IN) Note 4 ........................... +4V to +30V
Junction Temperature (T
J) ....................... –40°C to +125°C
Package Thermal Resistance
θ
JA, SPAK-7 Lead ............................................ 11.8°C/W
θ
JC, SPAK-7 Lead .............................................. 2.2°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com