Electronic Components Datasheet Search
  English  ▼

X  

SP508E Datasheet(PDF) 14 Page - Exar Corporation

Part # SP508E
Description  Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP508E Datasheet(HTML) 14 Page - Exar Corporation

Back Button SP508E Datasheet HTML 10Page - Exar Corporation SP508E Datasheet HTML 11Page - Exar Corporation SP508E Datasheet HTML 12Page - Exar Corporation SP508E Datasheet HTML 13Page - Exar Corporation SP508E Datasheet HTML 14Page - Exar Corporation SP508E Datasheet HTML 15Page - Exar Corporation SP508E Datasheet HTML 16Page - Exar Corporation SP508E Datasheet HTML 17Page - Exar Corporation SP508E Datasheet HTML 18Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
4
ExarCorporation48720KatoRoad,FremontCA,94538•50-668-707•www.exar.comSP508E_00_07242
Figure23.V.ReceiverInputCurrentw/
Termination
Figure24.V.ReceiverInputGraphw/Termination
Figure25.V.35DriverOutputTestTerminated
Voltage
Figure26.V.35DriverOutputOffsetVoltage
Figure27.V.35DriverOutputSourceImpedance
A
B
C
I
ia
±6V
C
I
ib
±6V
A
B
100 to
150
100 to
150
A
B
VCC
A
B
V
2
50
C
24kHz, 550mVp-p
Sine Wave
V
1
A
B
50
C
50
V
T
V
OS
V.11 RECEIVER
w/ Optional Cable Termination
(100
W to 150W)
i [mA] = V [V] / 0.1
i [mA] = V [V] - 3) / 4.0
i [mA] = V [V] / 0.1
i [mA] = V [V] - 3) / 4.0
-6V
-3V
+3V
+6V
Maximum Input Current
versus Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com