Electronic Components Datasheet Search
  English  ▼

X  

SP508E Datasheet(PDF) 5 Page - Exar Corporation

Part # SP508E
Description  Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP508E Datasheet(HTML) 5 Page - Exar Corporation

  SP508E Datasheet HTML 1Page - Exar Corporation SP508E Datasheet HTML 2Page - Exar Corporation SP508E Datasheet HTML 3Page - Exar Corporation SP508E Datasheet HTML 4Page - Exar Corporation SP508E Datasheet HTML 5Page - Exar Corporation SP508E Datasheet HTML 6Page - Exar Corporation SP508E Datasheet HTML 7Page - Exar Corporation SP508E Datasheet HTML 8Page - Exar Corporation SP508E Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
ExarCorporation48720KatoRoad,FremontCA,94538•50-668-707•www.exar.comSP508E_00_07242
T
A=-40°Cto+85°CandVCC=+4.75Vto+5.25Vunlessotherwisenoted.TypicalvaluesareforTA=25CandVcc=5V.
PARAMETER
MIN.
TYP.
MAX.
UNITs
CONDITIONs
DRIVER DELAY TIME bETWEEN ACTIVE MODE AND TRI-sTATE MODE
RS-232/V.28
t
PZL;Tri-statetoOutputLOW
0.
5.0
µs
C
L=00pF,Fig.34&40;S2closed
t
PZH;Tri-statetoOutputHIGH
0.
2.0
µs
C
L=00pF,Fig.34&40;S2closed
t
PLZ;OutputLOWtoTri-state
0.05
2.0
µs
C
L=00pF,Fig.34&40;S2closed
t
PHZ;OutputHIGHtoTri-state
0.05
2.0
µs
C
L=00pF,Fig.34&40;S2closed
RS-423/V.10
t
PZL;Tri-statetoOutputLOW
0.07
2.0
µs
C
L=00pF,Fig.34&40;S2closed
t
PZH;Tri-statetoOutputHIGH
0.05
2.0
µs
C
L=00pF,Fig.34&40;S2closed
t
PLZ;OutputLOWtoTri-state
0.55
2.0
µs
C
L=00pF,Fig.34&40;S2closed
t
PHZ;OutputHIGHtoTri-state
0.2
2.0
µs
C
L=00pF,Fig.34&40;S2closed
RS-422/V.11
t
PZL;Tri-statetoOutputLOW
0.04
0.0
µs
C
L=00pF,Fig.34&37;Sclosed
t
PZH;Tri-statetoOutputHIGH
0.05
2.0
µs
C
L=00pF,Fig.34&37;S2closed
t
PLZ;OutputLOWtoTri-state
0.03
2.0
µs
C
L=5pF,Fig.34&37;Sclosed
t
PHZ;OutputHIGHtoTri-state
0.
2.0
µs
C
L=5pF,Fig.34&37;S2closed
V.35
t
PZL;Tri-statetoOutputLOW
0.85
0.0
µs
C
L=00pF,Fig.34&37;Sclosed
t
PZH;Tri-statetoOutputHIGH
0.36
2.0
µs
C
L=00pF,Fig.34&37;S2closed
t
PLZ;OutputLOWtoTri-state
0.06
2.0
µs
C
L=5pF,Fig.34&37;Sclosed
t
PHZ;OutputHIGHtoTri-state
0.05
2.0
µs
C
L=5pF,Fig.34&37;S2closed
RECEIVERDELAYTIMEBETwEENACTIVEMODEANDTRI-STATEMODE
RS-232/V.28
t
PZL;Tri-statetoOutputLOW
0.05
2.0
µs
C
L=00pF,Fig.35&40;Sclosed
t
PZH;Tri-statetoOutputHIGH
0.05
2.0
µs
C
L=00pF,Fig.35&40;S2closed
t
PLZ;OutputLOWtoTri-state
0.65
2.0
µs
C
L=00pF,Fig.35&40;Sclosed
t
PHZ;OutputHIGHtoTri-state
0.65
2.0
µs
C
L=00pF,Fig.35&40;S2closed
RS-423/V.10
t
PZL;Tri-statetoOutputLOW
0.04
2.0
µs
C
L=00pF,Fig.35&40;Sclosed
t
PZH;Tri-statetoOutputHIGH
0.03
2.0
µs
C
L=00pF,Fig.35&40;S2closed
t
PLZ;OutputLOWtoTri-state
0.03
2.0
µs
C
L=00pF,Fig.35&40;Sclosed
t
PHZ;OutputHIGHtoTri-state
0.03
2.0
µs
C
L=00pF,Fig.35&40;S2closed
OThERACChARACTERISTICS
ELECTRICALSPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com