Electronic Components Datasheet Search
  English  ▼

X  

SP508E Datasheet(PDF) 3 Page - Exar Corporation

Part # SP508E
Description  Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP508E Datasheet(HTML) 3 Page - Exar Corporation

  SP508E Datasheet HTML 1Page - Exar Corporation SP508E Datasheet HTML 2Page - Exar Corporation SP508E Datasheet HTML 3Page - Exar Corporation SP508E Datasheet HTML 4Page - Exar Corporation SP508E Datasheet HTML 5Page - Exar Corporation SP508E Datasheet HTML 6Page - Exar Corporation SP508E Datasheet HTML 7Page - Exar Corporation SP508E Datasheet HTML 8Page - Exar Corporation SP508E Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
3
ExarCorporation48720KatoRoad,FremontCA,94538•50-668-707•www.exar.comSP508E_00_07242
V.28RECEIVER(cont)
ACParameters(cont.)
Max.TransmissionRate
20
235
kbps
V.10 DRIVER
DC Parameters
Outputs
OpenCircuitVoltage
±4.0
±6.0
Volts
perFigure9
Test-TerminatedVoltage
0.9V
OC
Volts
perFigure0
Short-CircuitCurrent
±50
mA
perFigure
Power-OffCurrent
±00
µA
perFigure2
ACParameters
Outputs
TransitionTime
500
ns
perFigure3;0%to90%
PropagationDelay
t
PHL
30
00
500
ns
t
PLH
30
00
500
ns
Max.TransmissionRate
20
kbps
V.10RECEIVER
DCParameters
Inputs
InputCurrent
–3.25
+3.25
mA
perFigures4and5
Input Impedance
4
kΩ
Sensitivity
±0.3
Volts
ACParameters
PropagationDelay
t
PHL
500
ns
t
PLH
500
ns
Max.TransmissionRate
20
kbps
V.11DRIVER
DCParameters
Outputs
OpenCircuitVoltage
±6.0
Volts
perFigure6
TestTerminatedVoltage
±2.0
Volts
perFigure7
0.5V
OC
0.67V
OC
Volts
Balance
±0.4
Volts
perFigure7
Offset
+3.0
Volts
perFigure7
Short-CircuitCurrent
±50
mA
perFigure8
Power-OffCurrent
±00
µA
perFigure9
ACParameters
Outputs
TransitionTime
0
ns
perFig.2and36;0%to90%
PropagationDelay
UsingC
L=50pF;
t
PHL
30
85
ns
perFigures33and36
t
PLH
30
85
ns
perFigures33and36
DifferentialSkew
5
0
ns
perFigures33and36
(|t
phl-tplh|)
Max.TransmissionRate
20
Mbps
ChanneltoChannelSkew
2
ns
V.11RECEIVER
DCParameters
Inputs
CommonModeRange
–7
+7
Volts
Sensitivity
±0.2
Volts
T
A=-40°Cto+85°CandVCC=+4.75Vto+5.25Vunlessotherwisenoted.TypicalvaluesareforTA=25CandVcc=5V
PARAMETER
MIN. TYP. MAX.UNITSCONDITIONS
ELECTRICALSPECIFICATIONS
ELECTRICALSPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com