Electronic Components Datasheet Search
  English  ▼

X  

SP508E Datasheet(PDF) 6 Page - Exar Corporation

Part # SP508E
Description  Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP508E Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP508E Datasheet HTML 2Page - Exar Corporation SP508E Datasheet HTML 3Page - Exar Corporation SP508E Datasheet HTML 4Page - Exar Corporation SP508E Datasheet HTML 5Page - Exar Corporation SP508E Datasheet HTML 6Page - Exar Corporation SP508E Datasheet HTML 7Page - Exar Corporation SP508E Datasheet HTML 8Page - Exar Corporation SP508E Datasheet HTML 9Page - Exar Corporation SP508E Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
ExarCorporation48720KatoRoad,FremontCA,94538•50-668-707•www.exar.comSP508E_00_07242
T
A=-40°Cto+85°CandVCC=+4.75Vto+5.25Vunlessotherwisenoted.TypicalvaluesareforTA=25CandVcc=5V
PARAMETER
MIN.
TYP.
MAX. UNITs
CONDITIONs
Rs-422/V.11
t
PZL;Tri-statetoOutputLOW
0.04
2.0
µs
C
L=00pF,Fig.35&39;Sclosed
t
PZH;Tri-statetoOutputHIGH
0.03
2.0
µs
C
L=00pF,Fig.35&39;S2closed
t
PLZ;OutputLOWtoTri-state
0.03
2.0
µs
C
L=5pF,Fig.35&39;Sclosed
t
PHZ;OutputHIGHtoTri-state
0.03
2.0
µs
C
L=5pF,Fig.35&39;S2close
V.35
t
PZL;Tri-statetoOutputLOW
0.04
2.0
µs
C
L=00pF,Fig.35&39;Sclosed
t
PZH;Tri-statetoOutputHIGH
0.03
2.0
µs
C
L=00pF,Fig.35&39;S2closed
t
PLZ;OutputLOWtoTri-state
0.03
2.0
µs
C
L=5pF,Fig.35&39;Sclosed
t
PHZ;OutputHIGHtoTri-state
0.03
2.0
µs
C
L=5pF,Fig.35&39;S2closed
TRANSCEIVERTOTRANSCEIVERSkEw
(perFigures32,33,36,38)
RS-232Driver
00
ns
[(t
phl)
Tx–(tphl)Txn]
00
ns
[(t
plh)
Tx–(tplh)Txn]
RS-232Receiver
20
ns
[(t
phl)
Rx–(tphl)Rxn]
20
ns
[(t
phl)
Rx–(tphl)Rxn]
RS-422Driver
2
ns
[(t
phl)
Tx–(tphl)Txn]
2
ns
[(t
plh)
Tx–(tplh)Txn]
RS-422Receiver
2
ns
[(t
phl)
Rx–(tphl)Rxn]
2
ns
[(t
phl)
Rx–(tphl)Rxn]
RS-423Driver
2
ns
[(t
phl)
Tx2–(tphl)Txn]
2
ns
[(t
plh)
Tx2–(tplh)Txn]
RS-423Receiver
2
ns
[(t
phl)
Rx2–(tphl)Rxn]
2
ns
[(t
phl)
Rx2–(tphl)Rxn]
V.35Driver
2
ns
[(t
phl)
Tx–(tphl)Txn]
2
ns
[(t
plh)
Tx–(tplh)Txn]
V.35Receiver
2
ns
[(t
phl)
Rx–(tphl)Rxn]
2
ns
[(t
phl)
Rx–(tphl)Rxn]
OThERACChARACTERISTICS(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com