Electronic Components Datasheet Search
  English  ▼

X  

SP508E Datasheet(PDF) 23 Page - Exar Corporation

Part # SP508E
Description  Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP508E Datasheet(HTML) 23 Page - Exar Corporation

Back Button SP508E Datasheet HTML 19Page - Exar Corporation SP508E Datasheet HTML 20Page - Exar Corporation SP508E Datasheet HTML 21Page - Exar Corporation SP508E Datasheet HTML 22Page - Exar Corporation SP508E Datasheet HTML 23Page - Exar Corporation SP508E Datasheet HTML 24Page - Exar Corporation SP508E Datasheet HTML 25Page - Exar Corporation SP508E Datasheet HTML 26Page - Exar Corporation SP508E Datasheet HTML 27Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
23
ExarCorporation48720KatoRoad,FremontCA,94538•50-668-707•www.exar.comSP508E_00_07242
Thechargepumpcyclewillcontinueaslong
astheoperationalconditionsfortheinternal
oscillatorarepresent.
SincebothV+andV-areseparatelygener-
atedfromV
CC;inano-loadconditionV
+
and
V-willbesymmetrical.Olderchargepump
approachesthatgenerateV-fromV+willshow
adecreaseinthemagnitudeofV-compared
to V+ due to the inherent inefficiencies in
thedesign.
Theclockrateforthechargepumptypically
operatesat250kHz.Theexternalcapacitors
canbeaslowasµFwitha6Vbreakdown
voltagerating.
TERM_OFFFUNCTION
The SP508E contains a TERM_OFF pin
that disables all three receiver input ter-
mination networks regardless of mode.
This allows the device to be used in
monitor mode applications that are typi-
cally found in networking test equipment.
TheTERM_OFFpininternallycontainsa
pull-downdevicewithanimpedanceofover
500kΩ, which will default in a “ON” condition
duringpower-upifV.35receiversareused.
The individual receiver enable line and
the SHUTDOWN mode from the decoder
will disable the termination regardless of
TERM_OFF.
LOOPBACkFUNCTION
TheSP508EcontainsaLOOPBACKpinthat
invokesaloopbackpath.Thisloopbackpath
isillustratedinFigure46.LOOPBACKhas
aninternalpull-upresistorthatdefaultsto
normalmodeduringpoweruporifthepinis
left floating. During loopback, the driver out-
putandreceiverinputcharacteristicswillstill
adhere to its appropriate specifications.
DECODERANDD_LATChFUNCTION
The SP508E contains a D_LATCH pin
thatlatches the data into theD0, D,
and D2 decoder inputs.If tied to a
logic LOW (“0”), the latch is transpar-
ent, allowing the data at the decoder
inputs to propagate through and program
the SP508E accordingly. If tied to a logic
HIGH(“”),thelatchlocksoutthedataand
preventsthemodefromchanginguntilthis
pinisbroughttoalogicLOW.
Thereareinternalpull-updevicesonD0,
D,andD2,whichallowthedevicetobein
SHUTDOWNmode(“”)uponpowerup.
However,ifthedeviceispowered-upwith
theD_LATCHatalogicHIGH,thedecoder
state of the SP508E will be undefined.
ESDTOLERANCE
TheSP508Edeviceincorporatesruggedized
ESDcellsonalldriveroutputandreceiver
inputpins.TheESDstructureisimproved
over our previous family for more rugged
applications and environments sensitive
toelectrostaticdischargesandassociated
transients.
CTR1/CTR2EUROPEANCOMPLIANCY
As with all of Exar’sprevious multi-
protocol serial transceiver IC’s, the
drivers and receivers have been de-
signed to meet all the requirements to
NET/NET2 and TBR2 in order to meet
CTR/CTR2compliancy.TheSP508Eis
alsotestedin-houseatExarandadheres
to all the NET/2 physical layer testing
and the ITU Series V specifications before
shipment. Please note that although the
SP508E , as with its predecessors, ad-
here to CTR/CTR2 compliancy testing,
anycomplexorunusualconfigurationshould
bedouble-checkedtoensureCTR/CTR2
compliance.Consult the factory for de-
tails.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com