Electronic Components Datasheet Search
  English  ▼

X  

SP508E Datasheet(PDF) 20 Page - Exar Corporation

Part # SP508E
Description  Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP508E Datasheet(HTML) 20 Page - Exar Corporation

Back Button SP508E Datasheet HTML 16Page - Exar Corporation SP508E Datasheet HTML 17Page - Exar Corporation SP508E Datasheet HTML 18Page - Exar Corporation SP508E Datasheet HTML 19Page - Exar Corporation SP508E Datasheet HTML 20Page - Exar Corporation SP508E Datasheet HTML 21Page - Exar Corporation SP508E Datasheet HTML 22Page - Exar Corporation SP508E Datasheet HTML 23Page - Exar Corporation SP508E Datasheet HTML 24Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
20
ExarCorporation48720KatoRoad,FremontCA,94538•50-668-707•www.exar.comSP508E_00_07242
TheSP508Econtainshighlyintegratedserial
transceiversthatofferprogrammability
between interface modes through software
control. The SP508E offers the hardware
interfacemodesforRS-232(V.28),RS-449/
V.36(V.andV.0),EIA-530(V.andV.0),
EIA-530A(V.andV.0),V.35(V.35andV.28)
andX.2(V.).Theinterfacemodeselection
isdoneviathreecontrolpins,whichcanbe
latchedviamicroprocessorcontrol.
TheSP508Ehaseightdrivers,eightreceivers,
andExar'spatentedon-boardchargepump
(5,306,954)thatisideallysuitedforwidearea
networkconnectivityandothermulti-protocol
applications.Otherfeaturesincludedigitaland
lineloopbackmodes,individualenable/disable
controllinesforeachdriverandreceiver,fail-
safewheninputsareeitheropenorshorted,
individualterminationresistorgroundpaths,
separatedriverandreceivergroundoutputs,
enhanced ESD protection on driver outputs
andreceiverinputs.
ThEORYOFOPERATION
TheSP508Edeviceismadeupof)thedrivers,
2)thereceivers,3)achargepump,4)DTE/DCE
switchingalgorithm,and5)controllogic.
Drivers
TheSP508Ehaseightenhancedindependent
drivers.Controlforthemodeselectionisdone
viaathree-bitcontrolwordintoD0,D,and
D2.Thedriversareprearrangedsuchthatfor
eachmodeofoperation,therelativeposition
andfunctionalityofthedriversaresetupto
accommodate the selected interface mode.
Asthemodeofthedriversischanged,the
electricalcharacteristicswillchangetosupport
therequiredsignallevels.Themodeofeach
driverinthedifferentinterfacemodesthatcan
beselectedisshowninTable.
Therearefourbasictypesofdrivercircuits–
ITU-T-V.28 (RS-232), ITU-T-V.0 (RS-423),
ITU-T-V.(RS-422),andCCITT-V.35.
The V.28 (RS-232) drivers output single-
endedsignalswithaminimumof+5V(with
3kΩ & 2500pF loading), and can operate over
20kbps.SincetheSP508Eusesacharge
pumptogeneratetheRS-232outputrails,the
driveroutputswillneverexceed+0V.TheV.28
driverarchitectureissimilartoExar'sstandard
lineofRS-232transceivers.
The RS-423 (V.0) drivers are also single-
endedsignalswhichproduceopencircuitV
OL
and V
OH measurements of +4.0V to +6.0V.
When terminated with a 450Ω load to ground,
thedriveroutputwillnotdeviatemorethan0%
oftheopencircuitvalue.Thisisincompliance
oftheITUV.10specification.TheV.10(RS-423)
driversareusedinRS-449/V.36,EIA-530,and
EIA-530AmodesasCategoryIIsignalsfrom
each of their corresponding specifications.
TheV.0driversareguaranteedtotransmit
over20kbps,butcanoperateatoverMbps
ifnecessary.
The third type of drivers are V. (RS-422)
differential drivers. Due to the nature of
differential signaling, the drivers are more
immunetonoiseasopposedtosingle-ended
transmission methods. The advantage is
evidentoverhighspeedsandlongtransmission
lines.Thestrengthofthedriveroutputscan
producedifferentialsignalsthatcanmaintain
+2V differential output levels with a load of
100Ω. The signal levels and drive capability of
thesedriversallowthedriverstoalsosupport
RS-485 requirements of +.5V differential
output levels with a 54Ω load. The strength
allowstheSP508Edifferentialdrivertodrive
over long cable lengths with minimal signal
degradation. The V. drivers are used in
RS-449,EIA-530,EIA-530AandV.36modes
asCategoryIsignalswhichareusedforclock
and data. Exar's new driver design over its
predecessors allow the SP508E to operate
over20Mbpsfordifferentialtransmission.
FEATURES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com