Electronic Components Datasheet Search
  English  ▼

X  

MCP3914 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP3914
Description  3V Eight-Channel Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3914 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP3914 Datasheet HTML 20Page - Microchip Technology MCP3914 Datasheet HTML 21Page - Microchip Technology MCP3914 Datasheet HTML 22Page - Microchip Technology MCP3914 Datasheet HTML 23Page - Microchip Technology MCP3914 Datasheet HTML 24Page - Microchip Technology MCP3914 Datasheet HTML 25Page - Microchip Technology MCP3914 Datasheet HTML 26Page - Microchip Technology MCP3914 Datasheet HTML 27Page - Microchip Technology MCP3914 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 80 page
background image
MCP3914
DS20005216A-page 24
 2013 Microchip Technology Inc.
4.11
Total Harmonic Distortion (THD)
The total harmonic distortion is the ratio of the output
harmonic’s power to the fundamental signal power for
a sine wave input, and is defined in Equation 4-7.
EQUATION 4-7:
The THD calculation includes the first 35 harmonics for
the MCP3914 specifications. The THD is usually
measured only with respect to the ten first harmonics,
which leads artificially to better figures. THD is
sometimes expressed in %. Equation 4-8 converts the
THD in %.
EQUATION 4-8:
This specification depends mainly on the DITHER
setting.
4.12
Spurious-Free Dynamic Range
(SFDR)
SFDR is the ratio between the output power of the
fundamental and the highest spur in the frequency
spectrum (see Equation 4-9). The spur frequency is not
necessarily a harmonic of the fundamental, even
though it is usually the case. This figure represents the
dynamic range of the ADC when a full-scale signal is
used at the input. This specification depends mainly on
the DITHER setting.
EQUATION 4-9:
4.13
MCP3914 Delta-Sigma
Architecture
The MCP3914 incorporates eight delta-sigma ADCs
with a multi-bit architecture. A delta-sigma ADC is an
oversampling converter that incorporates a built-in
modulator, which digitizes the quantity of charges
integrated by the modulator loop (see Figure 5-1). The
quantizer is the block that is performing the
analog-to-digital conversion. The quantizer is typically
1-bit, or a simple comparator, which helps maintain the
linearity performance of the ADC (the DAC structure is,
in this case, inherently linear).
Multi-bit quantizers help to lower the quantization error
(the error fed back in the loop can be very large with
1-bit quantizers) without changing the order of the
modulator or the OSR, which leads to better SNR
figures.
The quantizer present in each ADC channel in the
MCP3914 is a Flash ADC composed of four
comparators arranged with equally spaced thresholds
and a thermometer coding. The MCP3914 also
includes proprietary 5-level DAC architecture that is
inherently linear for improved THD figures.
4.14
Idle Tones
A delta-sigma converter is an integrating converter. It
also has a finite quantization step (least significant bit
or LSB) which can be detected by its quantizer. A DC
input voltage that is below the quantization step should
only provide an all zeros result, since the input is not
large enough to be detected. As an integrating device,
any delta-sigma ADC will show idle tones. This means
that the output will have spurs in the frequency content
that depend on the ratio between quantization step
voltage and the input voltage. These spurs are the
result of the integrated sub-quantization step inputs
that will eventually cross the quantization steps after a
long enough integration. This will induce an AC
frequency at the output of the ADC, and can be shown
in the ADC output spectrum.
These idle tones are residues that are inherent to the
quantization process and the fact that the converter is
integrating at all times without being reset. They are
residues of the finite resolution of the conversion
process. They are very difficult to attenuate and they
are heavily signal dependent. They can degrade the
SFDR and THD of the converter, even for DC inputs.
They can be localized in the baseband of the converter
and are thus difficult to filter from the actual input signal.
For power metering applications, idle tones can be very
disturbing, because energy can be detected even at
the 50 or 60 Hz frequency, depending on the DC offset
of the ADCs, while no power is really present at the
inputs. The only practical way to suppress or attenuate
the idle tones phenomenon is to apply dithering to the
ADC. The amplitudes of the idle tones are a function of
the order of the modulator, the OSR and the number of
levels in the quantizer of the modulator. A higher order,
a higher OSR or a higher number of levels for the
quantizer will attenuate the amplitudes of the idle
tones.
4.15
Dithering
In order to suppress or attenuate the idle tones present
in any delta-sigma ADCs, dithering can be applied to
the ADC. Dithering is the process of adding an error to
the ADC feedback loop in order to “decorrelate” the
outputs and “break” the idle tone’s behavior. Usually a
random or pseudo-random generator adds an analog
THD dB

10
HarmonicsPower
FundamentalPower
-----------------------------------------------------


log
=
THD %

100
10
THD dB

20
------------------------
=
SFDR dB

10
FundamentalPower
HighestSpurPower
-----------------------------------------------------


log
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com