Electronic Components Datasheet Search
  English  ▼

X  

MCP3914 Datasheet(PDF) 67 Page - Microchip Technology

Part # MCP3914
Description  3V Eight-Channel Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3914 Datasheet(HTML) 67 Page - Microchip Technology

Back Button MCP3914 Datasheet HTML 63Page - Microchip Technology MCP3914 Datasheet HTML 64Page - Microchip Technology MCP3914 Datasheet HTML 65Page - Microchip Technology MCP3914 Datasheet HTML 66Page - Microchip Technology MCP3914 Datasheet HTML 67Page - Microchip Technology MCP3914 Datasheet HTML 68Page - Microchip Technology MCP3914 Datasheet HTML 69Page - Microchip Technology MCP3914 Datasheet HTML 70Page - Microchip Technology MCP3914 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 80 page
background image
 2013 Microchip Technology Inc.
DS20005216A-page 67
MCP3914
8.8
CONFIG1 Register –
Configuration Register 1
Name
Bits
Address
Cof.
CONFIG1
24
0x0F
R/W
REGISTER 8-8:
CONFIG1 REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
RESET<7>
RESET<6>
RESET<5>
RESET<4>
RESET<3>
RESET<2>
RESET<1>
RESET<0>
bit 23
bit 16
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
SHUTDOWN<7> SHUTDOWN<6> SHUTDOWN<5> SHUTDOWN<4>
SHUTDOWN<3>
SHUTDOWN<2>
SHUTDOWN<1>
SHUTDOWN<0>
bit 15
bit 8
R/W-0
R/W-1
U-0
U-0
U-0
U-0
U-0
U-0
VREFEXT
CLKEXT
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 23-16
RESET<7:0>:
Soft Reset mode setting for each individual ADC
RESET<n> = 1: Channel CHn in soft reset mode
RESET<n> = 0: Channel CHn not in soft reset mode
bit 15-8
SHUTDOWN<7:0>:
Shutdown Mode setting for each individual ADC
SHUTDOWN<n> = 1: ADC Channel CHn in Shutdown
SHUTDOWN<n> = 0: ADC Channel CHn not in Shutdown
bit 7
VREFEXT:
Internal Voltage Reference selection bit
1
= Internal Voltage Reference Disabled. An external reference voltage needs to be applied across the
REFIN+/- pins. The analog power consumption (AIDD) is slightly diminished in this mode since the
internal voltage reference is placed into Shutdown mode.
0
= Internal Reference enabled. For optimal accuracy, the REFIN+/OUT pin needs proper decoupling
capacitors. REFIN- pin should be connected to AGND, when in this mode.
bit 6
CLKEXT:
Internal Clock selection bit
1
= MCLK is generated externally and should be provided on OSC1 pin: the crystal oscillator is disabled
and consumes no current (Default)
0
= Crystal oscillator enabled. A crystal must be placed between OSC1 and OSC2 with proper decoupling
capacitors. The digital power consumption (DIDD) is increased in this mode due to the oscillator.
bit 5-0
Unimplemented:
Read as 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com