Electronic Components Datasheet Search
  English  ▼

X  

MCP3914 Datasheet(PDF) 53 Page - Microchip Technology

Part # MCP3914
Description  3V Eight-Channel Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3914 Datasheet(HTML) 53 Page - Microchip Technology

Back Button MCP3914 Datasheet HTML 49Page - Microchip Technology MCP3914 Datasheet HTML 50Page - Microchip Technology MCP3914 Datasheet HTML 51Page - Microchip Technology MCP3914 Datasheet HTML 52Page - Microchip Technology MCP3914 Datasheet HTML 53Page - Microchip Technology MCP3914 Datasheet HTML 54Page - Microchip Technology MCP3914 Datasheet HTML 55Page - Microchip Technology MCP3914 Datasheet HTML 56Page - Microchip Technology MCP3914 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 80 page
background image
 2013 Microchip Technology Inc.
DS20005216A-page 53
MCP3914
7.5
Differential Inputs
Anti-Aliasing Filter
Due to the nature of the ADCs used in the MCP3914
(oversampling converters), each differential input of the
ADC channels requires an anti-aliasing filter so that the
oversampling frequency (DMCLK) is largely attenuated
and does not generate any disturbances on the ADC
accuracy. This anti-aliasing filter also needs to have a
gain close to one in the signal bandwidth of interest.
Typically for 50/60 Hz measurement and default set-
tings (DMCLK = 1 MHz), a simple RC filter with 1 k
and 100 nF can be used. The anti-aliasing filter used
for the measurement graphs is a first-order RC filter
with 1 k
 and 15 nF. The typical schematic for connect-
ing a current transformer to the ADC is shown in
Figure 7-6. If wires are involved, twisting them is also
recommended.
FIGURE 7-6:
First-Order Anti-Aliasing
Filter for CT-Based Designs.
The di/dt current sensors, such as Rogowski coils, can
be an alternative to current transformers. Since these
sensing elements are highly sensitive to high-
frequency electromagnetic fields, using a second order
anti-aliasing filter is recommended to increase the
attenuation of potential perturbing RF signals.
FIGURE 7-7:
Second-Order Anti-Aliasing
Filter for Rogowski Coil-Based Designs.
The MCP3914 is highly recommended in applications
using di/dt as current sensors because of the extremely
low noise floor at low frequencies. In such applications,
a Low-Pass Filter (LPF) with a cut-off frequency much
lower than the signal frequency (50-60 Hz for metering)
is used to compensate for the 90 degree shift and for
the 20 db/decade attenuation induced by the di/dt sen-
sor. Because of this filter, the SNR will be decreased,
since the signal will attenuate by a few orders of mag-
nitude, while the low-frequency noise will not be atten-
uated. Usually, a high-order High-Pass Filter (HPF) is
used to attenuate the low-frequency noise in order to
prevent a dramatic degradation of the SNR, which can
be very important in other parts. A high-order filter will
also consume a significant portion of the computation
power of the MCU. When using the MCP3914, such a
high-order HPF is not required, since this part has a low
noise floor at low frequencies. A first-order HPF is
enough to achieve very good accuracy.
7.6
Energy Measurement
Error Considerations
The measurement error is a typical representation of
the non-linearity of a pair of ADCs (see Section 4.0
“Terminology And Formulas”
for the definition of
measurement error). The measurement error is
dependent on the THD and on the noise floor of the
ADCs.
Improving the measurement error specification on the
MCP3914 can be realized by increasing the OSR (to
get a better SINAD and THD performance) and, to
some extent, the BOOST settings (if the bandwidth of
the measurements is too limited by the bandwidth of
the amplifiers in the sigma-delta ADCs). In most of the
energy metering AC applications, high-pass filters are
used to cancel the offset on each ADC channel (current
and voltage channels), and therefore a single-point
calibration is necessary to calibrate the system for
active energy measurement. This calibration is a
system gain calibration, and the user can utilize the
EN_GAINCAL bit and the GAINCAL_CHn registers to
perform this digital calibration. After such calibration,
typical measurement error curves like Figure 2-7 can
be generated by sweeping the current channel
amplitude and measuring the energy at the outputs (the
energy calculations are here being realized off-chip).
The error is measured using a gain of 1x, as it is
commonly used in most CT-based applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com