Electronic Components Datasheet Search
  English  ▼

X  

MCP3914 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP3914
Description  3V Eight-Channel Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3914 Datasheet(HTML) 5 Page - Microchip Technology

  MCP3914 Datasheet HTML 1Page - Microchip Technology MCP3914 Datasheet HTML 2Page - Microchip Technology MCP3914 Datasheet HTML 3Page - Microchip Technology MCP3914 Datasheet HTML 4Page - Microchip Technology MCP3914 Datasheet HTML 5Page - Microchip Technology MCP3914 Datasheet HTML 6Page - Microchip Technology MCP3914 Datasheet HTML 7Page - Microchip Technology MCP3914 Datasheet HTML 8Page - Microchip Technology MCP3914 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
 2013 Microchip Technology Inc.
DS20005216A-page 5
MCP3914
Internal Voltage Reference
Tolerance
VREF
1.176
1.2
1.224
V
VREFEXT = 0,
TA = +25°C only
Temperature Coefficient
TCVREF
—
9
—
ppm/°C TA = -40°C to +125°C,
VREFEXT = 0,
VREFCAL<7:0> = 0x50
Output Impedance
ZOUTVREF
—0.6
—
k
VREFEXT = 0
Internal Voltage Refer-
ence Operating Current
AIDDVREF
—
54
—
µA
VREFEXT = 0,
SHUTDOWN<7:0> = 11111111
Voltage Reference Input
Input Capacitance
—
—
10
pF
Differential Input Voltage
Range (VREF+ – VREF-)
VREF
1.1
—
1.3
V
VREFEXT = 1
Absolute Voltage on
REFIN+ pin
VREF+
VREF-
+1.1
—VREF- + 1.3
V
VREFEXT = 1
Absolute Voltage
REFIN- pin
VREF-
-0.1
—
+0.1
V
REFIN- should be connected to
AGND when VREFEXT = 0
Master Clock Input
Master Clock Input
Frequency Range
fMCLK
—
—
20
MHz
CLKEXT = 1, (Note 7)
Crystal Oscillator Operat-
ing Frequency Range
fXTAL
1
—
20
MHz
CLKEXT = 0, (Note 7)
Analog Master Clock
AMCLK
—
—
16
MHz
(Note 7)
Crystal Oscillator
Operating Current
DIDDXTAL
—
80
—
µA
CLKEXT = 0
Power Supply
Operating Voltage, Analog
AVDD
2.7
—
3.6
V
Operating Voltage, Digital
DVDD
2.7
—
3.6
V
Operating Current, Analog
(Note 2)
IDD,A
—
5.8
7.5
mA
BOOST<1:0> = 00
—
7.2
10
mA
BOOST<1:0> = 01
—
9.8
12.5
mA
BOOST<1:0> = 10
—
17.2
22
mA
BOOST<1:0> = 11
TABLE 1-1:
ANALOG SPECIFICATIONS (CONTINUED)
Electrical Specifications:
Unless otherwise indicated, all parameters apply at AVDD = DVDD = 2.7V to 3.6 V, MCLK = 4 MHz;
PRE<1:0> = 00; OSR = 256; GAIN = 1; VREFEXT = 0, CLKEXT = 1, DITHER<1:0> = 11; BOOST<1:0> = 10, VCM =0V;
TA = -40°C to +125°C;VIN = -0.5 dBFS @ 50/60 Hz on all channels.
Characteristic
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Dynamic Performance specified at -0.5 dB below the maximum differential input value,
VIN =1.2 VPP = 424 mVRMS @ 50/60 Hz, VREF = 1.2V. See Section 4.0 “Terminology And Formulas” for definition.
This parameter is established by characterization and not 100% tested.
2:
For these operating currents, the following configuration bit settings apply: SHUTDOWN<7:0> = 00000000,
RESET<7:0> = 00000000, VREFEXT = 0, CLKEXT = 0.
3:
For these operating currents, the following configuration bit settings apply: SHUTDOWN<7:0> = 11111111,
VREFEXT = 1, CLKEXT = 1.
4:
Measured on one channel versus all others channels. The average of crosstalk performance over all channels
(see Figure 2-32 for individual channel performance).
5:
Applies to all gains. Offset and gain errors depend on PGA gain setting, see typical performance curves for typical
performance.
6:
Outside of this range, ADC accuracy is not specified. An extended input range of +/-2V can be applied continuously to
the part with no damage.
7:
For proper operation and for optimizing ADC accuracy, AMCLK should be limited to the maximum frequency defined in
the Table 5-2, as a function of the BOOST and PGA setting chosen. MCLK can take larger values as long as the
prescaler settings (PRE<1:0>) limit AMCLK = MCLK/PRESCALE in the defined range in the Table 5-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com