Electronic Components Datasheet Search
  English  ▼

X  

MCP3914 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP3914
Description  3V Eight-Channel Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3914 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP3914 Datasheet HTML 25Page - Microchip Technology MCP3914 Datasheet HTML 26Page - Microchip Technology MCP3914 Datasheet HTML 27Page - Microchip Technology MCP3914 Datasheet HTML 28Page - Microchip Technology MCP3914 Datasheet HTML 29Page - Microchip Technology MCP3914 Datasheet HTML 30Page - Microchip Technology MCP3914 Datasheet HTML 31Page - Microchip Technology MCP3914 Datasheet HTML 32Page - Microchip Technology MCP3914 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 80 page
background image
 2013 Microchip Technology Inc.
DS20005216A-page 29
MCP3914
5.0
DEVICE OVERVIEW
5.1
Analog Inputs (CHn+/-)
The MCP3914 analog inputs can be connected directly
to current and voltage transducers (such as shunts,
current transformers, or Rogowski coils). Each input
pin is protected by specialized Electrostatic Discharge
(ESD) structures that allow bipolar ±2V continuous volt-
age, with respect to AGND, to be present at their inputs
without the risk of permanent damage.
All channels have fully differential voltage inputs for
better noise performance. The absolute voltage at each
pin relative to AGND should be maintained in the ±1V
range during operation in order to ensure the specified
ADC accuracy. The Common mode signals should be
adapted to respect both the previous conditions and
the differential input voltage range. For best
performance, the Common mode signals should be
maintained to AGND.
5.2
Programmable Gain Amplifiers
(PGA)
The eight Programmable Gain Amplifiers (PGAs)
reside at the front-end of each delta-sigma ADC. They
have two functions: translate the Common mode of the
input from AGND to an internal level between AGND and
AVDD, and amplify the input differential signal. The
translation of the Common mode does not change the
differential signal, but recenter the Common mode so
that the input signal can be properly amplified.
The PGA block can be used to amplify very low signals,
but the differential input range of the delta-sigma
modulator must not be exceeded. The PGA on each
channel is independent and is controlled by the
PGA_CHn<2:0> bits in the GAIN register. Table 5-1
displays the gain settings for the PGA.
5.3
Delta-Sigma Modulator
5.3.1
ARCHITECTURE
All ADCs are identical in the MCP3914, and they
include a proprietary second-order modulator with a
multi-bit 5-level DAC architecture (see Figure 5-1). The
quantizer is a Flash ADC composed of four
comparators with equally spaced thresholds and a
thermometer output coding. The proprietary 5-level
architecture ensures minimum quantization noise at
the outputs of the modulators without disturbing
linearity or inducing additional distortion. The sampling
frequency
is
DMCLK
(typically
1 MHz
with
MCLK = 4 MHz) so the modulators are refreshed at a
DMCLK rate.
Figure 5-1 represents a simplified block diagram of the
delta-sigma ADC present on MCP3914.
FIGURE 5-1:
Simplified Delta-Sigma ADC
Block Diagram.
Note:
If the analog inputs are held to a potential
of -0.6 to -1V for extended periods of time,
MCLK must be present inside the device
in order to avoid large leakage currents at
the analog inputs. This is true even during
Hard Reset mode, or the Soft Reset of all
ADCs. However, during the Shutdown
mode of all the ADCs or POR state, the
clock is not distributed inside the circuit.
During these states, it is recommended to
keep the analog input voltages above
-0.6V referred to AGND, to avoid high
analog inputs leakage currents.
TABLE 5-1:
PGA CONFIGURATION
SETTING
Gain
PGA_CHn<2:0>
Gain
(V/V)
Gain
(dB)
VIN = (CHn+) – (CHn-)
Differential
Input Range (V)
00
0
10
±0.6
00
1
26
±0.3
01
0
4
12
±0.15
01
1
8
18
±0.075
10
0
16
24
±0.0375
10
1
32
30
±0.01875
Note:
The two undefined settings are G = 1. This
table is defined with VREF = 1.2V.
Second-
Order
Integrator
Loop
Filter
Quantizer
DAC
Differential
Voltage Input
Output
Bitstream
5-level
Flash ADC
MCP3914 Delta-Sigma Modulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com