Electronic Components Datasheet Search
  English  ▼

X  

MCP3914 Datasheet(PDF) 47 Page - Microchip Technology

Part # MCP3914
Description  3V Eight-Channel Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3914 Datasheet(HTML) 47 Page - Microchip Technology

Back Button MCP3914 Datasheet HTML 43Page - Microchip Technology MCP3914 Datasheet HTML 44Page - Microchip Technology MCP3914 Datasheet HTML 45Page - Microchip Technology MCP3914 Datasheet HTML 46Page - Microchip Technology MCP3914 Datasheet HTML 47Page - Microchip Technology MCP3914 Datasheet HTML 48Page - Microchip Technology MCP3914 Datasheet HTML 49Page - Microchip Technology MCP3914 Datasheet HTML 50Page - Microchip Technology MCP3914 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 80 page
background image
 2013 Microchip Technology Inc.
DS20005216A-page 47
MCP3914
FIGURE 6-9:
Continuous Read Sequences With and Without CRC Checksum Enabled.
The CRC checksum in the MCP3914 device uses the
16-bit CRC-16 ANSI polynomial as defined in the IEEE
802.3 standard: x16 +x15 +x2 +1. This polynomial can
also be noted as 0x8005. CRC-16 detects all single
and double-bit errors, all errors with an odd number of
bits, all burst errors of length 16 or less, and most errors
for longer bursts. This allows an excellent coverage of
the SPI communication errors that can happen in the
system,
and
heavily
reduces
the
risk
of
a
miscommunication, even under noisy environments.
The CRC-16 format displayed on the SDO pin depends
on the WIDTH_CRC bit in the STATUSCOM register
(see Figure 6-10). It can be either 16-bit or 32-bit
format, to be compatible with both 16-bit and 32-bit
MCUs. The CRCCOM<15:0> bits calculated by the
MCP3914 device are not dependent on the format (the
device always calculates only a 16-bit CRC checksum).
If a 32-bit MCU is used in the application, it is
recommended
to
use
32-bit
formats
(WIDTH_CRC = 1) only.
FIGURE 6-10:
CRC Checksum Format.
The CRC calculation computed by the MCP3914
device is fully compatible with CRC hardware
contained in the Direct Memory Access (DMA) of the
PIC24 and PIC32 MCU product lines. The CRC
message that should be considered in the PIC® device
DMA is the concatenation of the read sequence and its
associated checksum. When the DMA CRC hardware
computes this extended message, the resulted
checksum should be 0x0000. Any other result indicates
that a miscommunication has happened and that the
current communication sequence should be stopped
and restarted.
Continuous READ communication without CRC checksum (EN_CRCCOM=0)
Don’t care
SCK
SDI
SDO
CS
Hi-Z
8x
CONTROL
BYTE
16x/24x/32x
Depending on
data format
ADDR
...
ADDR + n
Starts read sequence
at address ADDR
Complete READ sequence
ADDR + 1
16x/24x/32x
Depending on
data format
...
16x/24x/32x
Depending on
data format
16x/24x/32x
Depending on
data format
ADDR
...
Complete READ sequence
ADDR + 1
16x/24x/32x
Depending on
data format
...
16x/24x/32x
Depending on
data format
ADDR + n
Don’t care
ADDR
ADDR + 1
...
ADDR + n
Complete
READ
sequence
Roll-over
ADDRESS SET
Continuous READ communication with CRC checksum (EN_CRCCOM=1)
Don’t care
SCK
SDI
SDO
CS
Hi-Z
8x
CONTROL
BYTE
16x/24x/32x
Depending on
data format
ADDR
...
ADDR + n
Starts read sequence
at address ADDR
Complete READ sequence = Message for CRC Calculation
ADDR + 1
16x/24x/32x
Depending on
data format
...
16x/24x/32x
Depending on
data format
16x/24x/32x
Depending on
data format
ADDR
...
New Message
ADDR + 1
16x/24x/32x
Depending on
data format
...
16x/24x/32x
Depending on
data format
ADDR + n
Don’t care
ADDR
ADDR + 1
...
ADDR + n
Complete
READ
sequence
Roll-over
ADDRESS SET
CRC Checksum
CRC Checksum
16x or 32x
Depending on
CRC format
16x or 32x
Depending on
CRC format
CRC Checksum
(not part of register map)
New Checksum
Checksum
* n depends on the READ<1:0>
WIDTH_CRC = 0
16-bit format
CRCCOM
<15:8>
CRCCOM
<7:0>
15
0
WIDTH_CRC = 1
32-bit format
CRCCOM
<15:8>
CRCCOM
<7:0>
31
0
0x00
0x00
Note:
The CRC will be generated only at the end
of the selected address set, before the
rollover of the address pointer occurs (see
Figure 6-9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com