Electronic Components Datasheet Search
  English  ▼

X  

MCP3914 Datasheet(PDF) 62 Page - Microchip Technology

Part # MCP3914
Description  3V Eight-Channel Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3914 Datasheet(HTML) 62 Page - Microchip Technology

Back Button MCP3914 Datasheet HTML 58Page - Microchip Technology MCP3914 Datasheet HTML 59Page - Microchip Technology MCP3914 Datasheet HTML 60Page - Microchip Technology MCP3914 Datasheet HTML 61Page - Microchip Technology MCP3914 Datasheet HTML 62Page - Microchip Technology MCP3914 Datasheet HTML 63Page - Microchip Technology MCP3914 Datasheet HTML 64Page - Microchip Technology MCP3914 Datasheet HTML 65Page - Microchip Technology MCP3914 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 80 page
background image
MCP3914
DS20005216A-page 62
 2013 Microchip Technology Inc.
8.5
GAIN Register – PGA Gain
Configuration Register
Name
Bits
Address
Cof.
GAIN
24
0x0B
R/W
REGISTER 8-5:
GAIN REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PGA_CH7<2> PGA_CH7<1> PGA_CH7<0> PGA_CH6<2> PGA_CH6<1>
PGA_CH6<0> PGA_CH5<2> PGA_CH5<1>
bit 23
bit 16
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PGA_CH5<0> PGA_CH4<2> PGA_CH4<1> PGA_CH4<0> PGA_CH3<2>
PGA_CH3<1> PGA_CH3<0> PGA_CH2<2>
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PGA_CH2<1> PGA_CH2<0> PGA_CH1<2> PGA_CH1<1> PGA_CH1<0>
PGA_CH0<2> PGA_CH0<1> PGA_CH0<0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 23-0
PGA_CHn<2:0>:
PGA Setting for Channel n
111
= Reserved (Gain = 1)
110
= Reserved (Gain = 1)
101
= Gain is 32
100
= Gain is 16
011
= Gain is 8
010
= Gain is 4
001
= Gain is 2
000
= Gain is 1 (DEFAULT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com