Electronic Components Datasheet Search
  English  ▼

X  

DM9008F Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # DM9008F
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9008F Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button DM9008F Datasheet HTML 25Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 26Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 27Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 28Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 31Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 32Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
Final
29
Version :DM9008-DS-F02
June 14, 2000
Interrupt Configuration Registers
Index
Name
Type
Definition
70H
IRQ level
R/W
Read/write value indicating a selected interrupt level.
Bits[3:0] select which ISA interrupt level is used. A value of 1
selects IRQ1, 15 selects IRQ15, etc. IRQ0 is not a valid
interrupt selection
71H
IRQ type
bits[7:0]
R
Read/write value indicating which type of interrupt is used
for the IRQ selected above.
Bit[1] - Level, 1 = high, 0 = low
Bit[0] - Type, 1= level, 0 = edge
For DM9008, this register is read only, with a value of 02H
DMA Configuration Registers
Index
Name
Type
Definition
74H
DMA channel select 0
R
04H (indicating no DMA channel is needed)
75H
DMA channel select 1
R
04H (indicating no DMA channel is needed)
Vendor Defined Registers
Index
Name
Type
Definition
F0H
CONFIG A
R
Direct mapping of CONFIG A register, page 0
F1H
CONFIG B
R
Direct mapping of CONFIG B register, page 0
F2H
CONFIG C
R
Direct mapping of the CONFIG C register, page 2
F4H
RESET CSN
W
Writing bit 2 to 1 will reset DM9008 CSN to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com