Electronic Components Datasheet Search
  English  ▼

X  

DM9008F Datasheet(PDF) 56 Page - List of Unclassifed Manufacturers

Part # DM9008F
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9008F Datasheet(HTML) 56 Page - List of Unclassifed Manufacturers

Back Button DM9008F Datasheet HTML 52Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 53Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 54Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 55Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 56Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 57Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 58Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 59Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 60Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
56
Final
Version :DM9008-DS-F02
June 14, 2000
AC Characteristics
Oscillator Specifications
Symbol
Parameter
Min.
Max.
Unit
tXTH
X1 to Transmit Clock High
5
ns
tXTL
X1 to Transmit Clock Low
5
ns
Transmit Specifications (Start of Packet)
Symbol
Parameter
Min.
Max.
Unit
tTOr
Transmit Output Rise Time (20% to 80%)
8
ns
tTOf
Transmit Output Fall Time (80% to 20%)
8
ns
tTOj
Transmit Output Jitter
2
ns
tTOh
Transmit Output High Before Idle (Half Step)
200
ns
tTOi
Transmit Output Idle Time (Half Step)
8000
ns
Transmit Start Timing
Transmit End Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com