Electronic Components Datasheet Search
  English  ▼

X  

DM9008F Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # DM9008F
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9008F Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button DM9008F Datasheet HTML 26Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 27Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 28Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 29Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 30Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 31Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 32Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 33Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
30
Final
Version :DM9008-DS-F02
June 14, 2000
Initial Values of CONFIG.A-D after PC Hardware Reset
CONFIG A
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mode
FREAD
INT2
INT1
INT0
IOAD3
IOAD2
IOAD1
IOAD0
DM Jumperless
Plug and Play
9346
9346
9346
9346
9346
9346
9346
9346
CONFIG B
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mode
--
--
BUSERR
CHRDY
--
GDLINK
PHYS1
PHYS0
DM Jumperless
Plug and Play
0
0
Read only
9346
0
Read only
9346
9346
CONFIG C
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mode
--
PnP-B
--
--
BPS3
BPS2
BPS1
BPS0
DM Jumperless
Plug and Play
9346
0
0
0
9346
9346
9346
9346
CONFIG D
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 Ý
Mode
EEMODE
--
--
CLK-REF
EECS
EECK
EEDO
EEDI
DM Jumperless
Plug and Play
0
0000
000
The Initial Key for Plug and Play (PnP)
The Plug and Play logical is quiescent on power up and must
be enabled by software. This accomplished with a predefined
sequence of indices (32 I/O writes) to the Address port. This
sequence is called the Initiation Key. The write sequence is
decoded by DM9008. If the proper series of I/O writes is
detected, then the Plug and Play auto-configuration ports are
enabled. The write sequence will be reset, and must be issued
from the beginning if any data mismatch occurs. The exact
sequence for the Initiation Key is listed below in hexadecimal
notation.
PnP Initiation Key
6A, B5, DA, ED, F6, FB, 7D, BE, DF, 6F, 37, 1B, 0D, 86, C3,
61, B0, 58, 2C, 16, 8B, 45, A2, D1, E8, 74, 3A, 9D, CE, E7, 73,
39
DM Initiation Key
2A, 95, CA, E5, F2, F9, FC, 7E, BF, 5F, 2F, 17, 0B, 05, 82,
C1, E0, 70, 38, 1C, 0E, 87, 43, 21, 90, 48, 24, 12, 89, C4, 62,
B1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com