Electronic Components Datasheet Search
  English  ▼

X  

DM9008F Datasheet(PDF) 61 Page - List of Unclassifed Manufacturers

Part # DM9008F
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9008F Datasheet(HTML) 61 Page - List of Unclassifed Manufacturers

Back Button DM9008F Datasheet HTML 57Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 58Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 59Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 60Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 61Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 62Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 63Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 64Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 65Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
Final
61
Version :DM9008-DS-F02
June 14, 2000
2. Oscillator
The oscillator is controlled by a 20 Mhz parallel resonant
crystal connected between X1 and X2 or by an external clock
on X2. The 20 Mhz output of the oscillator is divided by 2 to
generate the 10 MHz transmit clock for the controller. The
oscillator also provides internal clock signals to the encoding
and decoding circuits.
Note:When X2 is being driven by an external oscillator, X1
MUST be grounded.
Crystal Specifications
Resonant Frequency
20 MHz
Tolerance
±0.001% at 25°C
Stability
±0.0005% at 0°C - 70°C
Type
AT Cut
Circuit
Parallel Resonance
Max. ESR
20
Ω
Crystal Load Capacitor
20 pF
The 20 Mhz crystal connection to DM9008 requires special
care. The IEEE 802.3 standard requires the transmitted signal
frequency to be accurate within
±0.01%. Stray capacitance
can shift the crystal's frequency out of range and cause
transmitted frequency to exceed its 0.01% tolerance. The
frequency marked on the crystal is usually measured with a
fixed load capacitance specified in the crystal's data sheet,
typically 20 pF.
In order to prevent distortion on the transmitted frequency, the
total capacitance seen by the crystal should equal the total
load capacitance. For a standard parallel setup, as shown in
the diagram below, the 2 load caps C1 and C2 should equal
2(C1) minus any stay capacitances. 2(C1) is equal to the
specific load capacity acting in series. Thus the trim capacitors
required can be calculated as follows:
C1 = 2XC1 - (Cb1 + Cd1), where Cb1 = Board cap on X1
and Cd1 = X1 dev cap
C2 = 2XC1 - (Cb2 + Cd2), where Cb2 = Board cap on X2
and Cd2 = X2 dev cap
The values of STNIC pins X1 and X2are the region of 5 pF.
Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com