Electronic Components Datasheet Search
  English  ▼

X  

DM9008F Datasheet(PDF) 58 Page - List of Unclassifed Manufacturers

Part # DM9008F
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9008F Datasheet(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button DM9008F Datasheet HTML 54Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 55Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 56Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 57Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 58Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 59Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 60Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 61Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 62Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
58
Final
Version :DM9008-DS-F02
June 14, 2000
AC Timing Test Conditions
All specifications are valid only if mandatory isolation is
employed and all differential signals are taken to be at the AUI
side of the pulse tranformer.
Input pulse level . . . . . . . . . . . . . . . . . . . . . . GND to 3V
Input rise and fall time . . . . . . . . . . . . . . . . . . . . . . . 5ns
Input and output reference level (TTL/MOS) . . . . . 1.3V
Input and output reference level (Diff.) . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . 50% of the differential
Load for Digital Output Pins
Capacitance Ta = 25
°C, f = 1MHz
Parameter
Symbol
Typ.
Unit
Input Capacitance
Cin
7
pF
Output Capacitance
Cout
7
pF
Load for TX
±±±± Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com