Electronic Components Datasheet Search
  English  ▼

X  

DM9008F Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # DM9008F
Description  ISA/Plug & Play Super Ethernet Contoller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9008F Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button DM9008F Datasheet HTML 58Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 59Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 60Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 61Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 62Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 63Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 64Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 65Page - List of Unclassifed Manufacturers DM9008F Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 68 page
background image
DM9008
ISA/Plug & Play Super Ethernet Contoller
62
Final
Version :DM9008-DS-F02
June 14, 2000
3. PC Board Layout Considerations
The DM9008 pinout configuration is arranged in accordance
with the pin configuration of the ISA-Bus. At the same time, the
PC board optimizes layout trace with the larger ground.
Analog Trace Routing
The cardinal rule of analog trace routing is to keep the area
enclosed by a circuit loop as small as possible to minimize the
incidence of magnetic coupling. This can conflict, however,
with the general rule of keeping trace lengths short. For
example, if circuit components are positioned along three
sides of a square, the best return route is back along the same
three sides of the square, NOT directly back along the fourth
side. This rule must be adhered to strictly. Furthermore, there
should never be an unnecessary via of feed-through inside the
circuit loop. This also implies that the circuit loop should never
encircle the power/ground planes (i.e., part of the circuit loop
above and part below these planes). This concept is illustrated
in Figure 2.
A simple case of this guideline applies to differential signal
pairs. The two traces of the pair should always be routed in
adjacent channels. To reduce capacitive coupling, each circuit
loop should be separated from the others. Circuit loops can be
separated either by physical space (if located on the same
signal layer) or by placement on signal layers on opposite
sides of the power/ground planes. The following items should
be isolated from each other.
- Receiver path
- Transmit path
- Collision path
Figure 2.
To protect the transceiver from the environment and to achieve
optimum performance, the only layout restriction for the
transmitter circuit is that the longest current path from the TXO
pin (U3, pin 15) to the coaxial cable's center conductor must be
no longer than 4 inches. The layout of the receiver circuit (U3,
pin 14), however, is critical to minimize parasitic capacitance
that can degrade the received signal. The external receiver
circuit should be isolated from power and ground planes.
Digital Trace Routing
Placement of digital components and routing of digital traces
should follow standard common-sense digital layout techniques,
such as minimizing trace lengths, daisy-chaining bus signals,
etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com