Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 102 Page - Dallas Semiconductor

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156 Datasheet(HTML) 102 Page - Dallas Semiconductor

Back Button DS2156 Datasheet HTML 98Page - Dallas Semiconductor DS2156 Datasheet HTML 99Page - Dallas Semiconductor DS2156 Datasheet HTML 100Page - Dallas Semiconductor DS2156 Datasheet HTML 101Page - Dallas Semiconductor DS2156 Datasheet HTML 102Page - Dallas Semiconductor DS2156 Datasheet HTML 103Page - Dallas Semiconductor DS2156 Datasheet HTML 104Page - Dallas Semiconductor DS2156 Datasheet HTML 105Page - Dallas Semiconductor DS2156 Datasheet HTML 106Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 262 page
background image
DS2156
102 of 262
16.
PER-CHANNEL IDLE CODE GENERATION
Channel data can be replaced by an idle code on a per-channel basis in the transmit and receive
directions. When operated in the T1 mode, only the first 24 channels are used by the DS2156, the
remaining channels, CH25–CH32, are not used.
The DS2156 contains a 64-byte idle code array accessed by the idle array address register (IAAR) and the
per-channel idle code register (PCICR). The contents of the array contain the idle codes to be substituted
into the appropriate transmit or receive channels. This substitution can be enabled and disabled on a per-
channel basis by the transmit-channel idle code-enable registers (TCICE1–4) and receive-channel idle
code-enable registers (RCICE1–4).
To program idle codes, first select a channel by writing to the IAAR register. Then write the idle code to
the PCICR register. For successive writes there is no need to load the IAAR with the next consecutive
address. The IAAR register automatically increments after a write to the PCICR register. The auto
increment feature can be used for read operations as well. Bits 6 and 7 of the IAAR register can be used
to block write a common idle code to all transmit or receive positions in the array with a single write to
the PCICR register. Bits 6 and 7 of the IAAR register should not be used for read operations. TCICE1–4
and RCICE1–4 are used to enable idle code replacement on a per-channel basis.
Table 16-A. Idle-Code Array Address Mapping
BITS 0 to 5 OF IAAR
REGISTER
MAPS TO CHANNEL
0
Transmit Channel 1
1
Transmit Channel 2
2
Transmit Channel 3
—
—
—
—
30
Transmit Channel 31
31
Transmit Channel 32
32
Receive Channel 1
33
Receive Channel 2
34
Receive Channel 3
—
—
—
—
62
Receive Channel 31
63
Receive Channel 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com