Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 104 Page - Dallas Semiconductor

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156 Datasheet(HTML) 104 Page - Dallas Semiconductor

Back Button DS2156 Datasheet HTML 100Page - Dallas Semiconductor DS2156 Datasheet HTML 101Page - Dallas Semiconductor DS2156 Datasheet HTML 102Page - Dallas Semiconductor DS2156 Datasheet HTML 103Page - Dallas Semiconductor DS2156 Datasheet HTML 104Page - Dallas Semiconductor DS2156 Datasheet HTML 105Page - Dallas Semiconductor DS2156 Datasheet HTML 106Page - Dallas Semiconductor DS2156 Datasheet HTML 107Page - Dallas Semiconductor DS2156 Datasheet HTML 108Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 262 page
background image
DS2156
104 of 262
Register Name:
IAAR
Register Description:
Idle Array Address Register
Register Address:
7Eh
Bit #
7
6
5
4
3
2
1
0
Name
GRIC
GTIC
IAA5
IAA4
IAA3
IAA2
IAA1
IAA0
Default
0
0
0
0
0
0
0
0
Bits 0 to 5/Channel Pointer Address Bits (IAA0 to IAA5). These bits select the channel to be programmed with
the idle code defined in the PCICR register. IAA0 is the LSB of the 5-bit channel code. Channel 1 is 01h.
Bit 6/Global Transmit-Idle Code (GTIC). Setting this bit causes all transmit channels to be set to the idle code
written to the PCICR register. This bit must be set = 0 for read operations. The value in bits IAA0–IAA5 must be a
valid transmit channel (01h to 20h for E1 mode; 01h to 18h for T1 mode).
Bit 7/Global Receive-Idle Code (GRIC). Setting this bit causes all receive channels to be set to the idle code
written to the PCICR register. This bit must be set = 0 for read operations. The value in bits IAA0–IAA5 must be a
valid transmit channel (01h to 20h for E1 mode; 01h to 18h for T1 mode).
Table 16-B. GRIC and GTIC Functions
GRIC
GTIC
FUNCTION
0
0
Updates a single transmit or receive channel
0
1
Updates all transmit channels
1
0
Updates all receive channels
1
1
Updates all transmit and receive channels
Register Name:
PCICR
Register Description:
Per-Channel Idle Code Register
Register Address:
7Fh
Bit #
7
6
5
4
3
2
1
0
Name
C7
C6
C5
C4
C3
C2
C1
C0
Default
0
0
0
0
0
0
0
0
Bits 0 to 7/Per-Channel Idle-Code Bits (C0 to C7). This register defines the idle code to be programmed in the
channel selected by the IAAR register. C0 is the LSB of the idle code (this bit is transmitted last).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com