Electronic Components Datasheet Search
  English  ▼

X  

DS2156 Datasheet(PDF) 107 Page - Dallas Semiconductor

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156 Datasheet(HTML) 107 Page - Dallas Semiconductor

Back Button DS2156 Datasheet HTML 103Page - Dallas Semiconductor DS2156 Datasheet HTML 104Page - Dallas Semiconductor DS2156 Datasheet HTML 105Page - Dallas Semiconductor DS2156 Datasheet HTML 106Page - Dallas Semiconductor DS2156 Datasheet HTML 107Page - Dallas Semiconductor DS2156 Datasheet HTML 108Page - Dallas Semiconductor DS2156 Datasheet HTML 109Page - Dallas Semiconductor DS2156 Datasheet HTML 110Page - Dallas Semiconductor DS2156 Datasheet HTML 111Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 262 page
background image
DS2156
107 of 262
17.
CHANNEL BLOCKING REGISTERS
The receive channel blocking registers (RCBR1/RCBR2/RCBR3/RCBR4) and the transmit channel
blocking registers (TCBR1/TCBR2/TCBR3/TCBR4) control RCHBLK and TCHBLK pins, respectively.
The RCHBLK and TCHBLK pins are user-programmable outputs that can be forced either high or low
during individual channels. These outputs can be used to block clocks to a USART or LAPD controller in
ISDN-PRI applications. When the appropriate bits are set to a 1, the RCHBLK and TCHBLK pins are
held high during the entire corresponding channel time. Channels 25 through 32 are ignored when the
DS2156 is operated in the T1 mode.
Register Name:
RCBR1
Register Description:
Receive Channel Blocking Register 1
Register Address:
88h
Bit #
7
6
5
4
3
2
1
0
Name
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
Default
0
0
0
0
0
0
0
0
Bits 0 to 7/Receive Channels 1 to 8 Channel Blocking Control Bits (CH1 to CH8)
0 = force the RCHBLK pin to remain low during this channel time
1 = force the RCHBLK pin high during this channel time
Register Name:
RCBR2
Register Description:
Receive Channel Blocking Register 2
Register Address:
89h
Bit #
7
6
5
4
3
2
1
0
Name
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
Default
0
0
0
0
0
0
0
0
Bits 0 to 7/Receive Channels 9 to 16 Channel Blocking Control Bits (CH9 to CH16)
0 = force the RCHBLK pin to remain low during this channel time
1 = force the RCHBLK pin high during this channel time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com